Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1476 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1476
Description  Portable IMVP-IV Dual Phase Power Supply Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1476 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1476 Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
www.semtech.com
SC1476
Portable IMVP-IV Dual Phase
Power Supply Controller
POWER MANAGEMENT
Revision 7, December 2002
Description
Features
Applications
Typical Application Circuit
IMVP-IV compliant single chip solution
High speed hysteretic controller
6 bit VID programmable output
Integrated drivers with soft high side turn-on
Programmable softstart
Programmable boot voltage
Programmable DeeperSleep voltage
Dynamic phase current matching
Under-voltage lockout on VccA
Over-voltage protection on CORE
Current Limit protection on CORE
Thermal protection
Powergood flag with blanking during VID or
DeeperSleep mode changes
Automatic powersave at light load
Slew rate limited DAC
TSSOP-38 package
The SC1476 PowerStep™ IV IC is a single chip high-per-
formance hysteretic PWM controller. With its integrated
SmartDriver™, it powers advanced IMVP-IV processors.
The SC1476 features extended Intel® Mobile Voltage Po-
sitioning (IMVP) to increase battery life by reducing the
voltage at the processor when it is heavily loaded. It
directly supports Intel® SpeedStep™ processors for even
longer battery life. The SC1476 fully supports Intel’s
Geyserville-III core voltage specification. It provides di-
rect “deeper sleep” mode and boot voltage support.
Automatic “power-save” is present to prevent negative
current flow in the low-side FET during light loading con-
ditions, saving even more power. The high side driver ini-
tially turns on with a weak drive to reduce ringing, EMI,
and capacitive turn-on of the low side.
A 6-bit DAC, accurate to 0.85%, sets the output voltage
reference and implements the 0.700V to 1.708V range
required by the processor. The hysteretic converter uses
a comparator without an error amplifier thereby provid-
ing the fastest possible transient response while avoid-
ing the stability issues inherent to classical PWM control-
lers. The DAC is externally slew rate limited to minimize
transient currents and audible noise.
The SC1476 operates from 3Vdc and 5Vdc and also fea-
tures soft-start, an open-drain PWRGD signal with power-
good blanking, and an enable input. Programmable cur-
rent limiting shuts down the SC1476 after 32 current
limit pulses. In addition, it comes in a space-saving
TSSOP-38 package.
SC1474
Dual Phase
Extended IMVP
CONTROLLER
VID [4:0]
Lo
+VCORE
+V_IN
+V_5
0.600V-1.75V
Up to 40A
Extended
IMVP
Logic
PWM
Controller
Power
Control
Signals
Smart
Driver
VID
Multiplexer
Lo
Co
Smart
Driver
Rcs
Rcs
+V_3
+V_VID
VID
Regulator
Controller
SC1474
Dual Phase
Extended IMVP
CONTROLLER
VID [4:0]
Lo
+VCORE
+V_IN
+V_5
0.600V-1.75V
Up to 40A
Extended
IMVP
Logic
PWM
Controller
Power
Control
Signals
Smart
Driver
VID
Multiplexer
Lo
Co
Smart
Driver
Rcs
Rcs
+V_3
+V_VID
VID
Regulator
Controller
VID[5:0]
VID[5:0]
VID[5:0]
VID[5:0]
VID[5:0]
Notebook and Laptop computers
Requests for a complete datasheet and
additional product information should be
directed to sales@semtech.com


Similar Part No. - SC1476

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC147 NJSEMI-SC147 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1470 SEMTECH-SC1470 Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1470EVB SEMTECH-SC1470EVB Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1470ITSTR SEMTECH-SC1470ITSTR Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1470ITSTRT SEMTECH-SC1470ITSTRT Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
More results

Similar Description - SC1476

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
Portable Pentium Dual Phase Power Supply Controller
SC450 SEMTECH-SC450 Datasheet
89Kb / 1P
Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
Portable Pentium짰 Dual Phase Power Supply Controller
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Semtech Corporation
SC450ITSTRT SEMTECH-SC450ITSTRT Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
logo
Intersil Corporation
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com