Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP110 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BSP110
Description  N-channel enhancement mode field-effect transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP110 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BSP110 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BSP110
N-channel enhancement mode field-effect transistor
Rev. 03 — 26 July 2000
Product specification
c
c
1.
Description
N-channel enhancement mode field-effect transistor in a plastic package using
TrenchMOS™1 technology.
Product availability:
BSP110 in SOT223.
2.
Features
s TrenchMOS™ technology
s Very fast switching
s Logic level compatible
s Surface mount package.
3.
Applications
s Relay driver
s High speed line driver
s Logic level translator.
4.
Pinning information
1.
TrenchMOS is a trademark of Royal Philips Electronics.
Table 1:
Pinning - SOT223, simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT223
N-channel MOSFET
2
drain (d)
3
source (s)
4
drain (d)
12
3
4
03ab45
d
g
s
03ab30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com