Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR36MF21NIPF Datasheet(PDF) 13 Page - Sharp Corporation

Part # PR36MF21NIPF
Description  IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR36MF21NIPF Datasheet(HTML) 13 Page - Sharp Corporation

Back Button PR36MF21NIPF Datasheet HTML 7Page - Sharp Corporation PR36MF21NIPF Datasheet HTML 8Page - Sharp Corporation PR36MF21NIPF Datasheet HTML 9Page - Sharp Corporation PR36MF21NIPF Datasheet HTML 10Page - Sharp Corporation PR36MF21NIPF Datasheet HTML 11Page - Sharp Corporation PR36MF21NIPF Datasheet HTML 12Page - Sharp Corporation PR36MF21NIPF Datasheet HTML 13Page - Sharp Corporation PR36MF21NIPF Datasheet HTML 14Page - Sharp Corporation PR36MF21NIPF Datasheet HTML 15Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
■ Package specification
13
12.0
6.7
520
±2
● Sleeve package
Through-Hole
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 50pcs of products shall be packaged in a sleeve.
Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
(Unit : mm)
PR26MF21NSZ Series
PR36MF2xNSZ Series
Sheet No.: D4-A00501EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com