Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD23C64340 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD23C64340
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD23C64340 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD23C64340 Datasheet HTML 17Page - Renesas Technology Corp UPD23C64340 Datasheet HTML 18Page - Renesas Technology Corp UPD23C64340 Datasheet HTML 19Page - Renesas Technology Corp UPD23C64340 Datasheet HTML 20Page - Renesas Technology Corp UPD23C64340 Datasheet HTML 21Page - Renesas Technology Corp UPD23C64340 Datasheet HTML 22Page - Renesas Technology Corp UPD23C64340 Datasheet HTML 23Page - Renesas Technology Corp UPD23C64340 Datasheet HTML 24Page - Renesas Technology Corp UPD23C64340 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
19
µPD23C64340, 23C64380
Data Sheet M16335EJ4V0DS
Revision History
Edition/
Page
Type of
Location
Description
Date
This
Previous
revision
(Previous edition
→ This edition)
edition
edition
4th edition/
Throughout
Throughout
Addition
-
48-pin PLASTIC TSOP (I) (12 x 20)
Nov. 2005
p.1
p.1
Modification
Access time/
Vcc
= 3.0 V ± 0.3 V: 100/25 → 120/30 ns (MAX.)
Page access time
Vcc
= 3.3 V ± 0.3 V: 90/25 → 100/25 ns (MAX.)
p.2
p.2
Addition
Ordering Information
Lead-free products have been added
p.2
p.2
Modification
Marking Image
Marking Image has been modified
pp.3-5
p.3
Addition
Pin Configuration
Lead-free products have been added
p.18
p.14
Addition
Recommended
Lead-free products have been added
Soldering Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com