Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD63 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # UPD63
Description  MOS INTEGRATED CIRCUIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD63 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button UPD63 Datasheet HTML 56Page - Renesas Technology Corp UPD63 Datasheet HTML 57Page - Renesas Technology Corp UPD63 Datasheet HTML 58Page - Renesas Technology Corp UPD63 Datasheet HTML 59Page - Renesas Technology Corp UPD63 Datasheet HTML 60Page - Renesas Technology Corp UPD63 Datasheet HTML 61Page - Renesas Technology Corp UPD63 Datasheet HTML 62Page - Renesas Technology Corp UPD63 Datasheet HTML 63Page - Renesas Technology Corp UPD63 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
58
µPD63, 63A, 64
15. RECOMMENDED SOLDERING CONDITIONS
Carry out the soldered packaging of this product under the following recommended conditions.
For details of the soldering conditions, refer to information material Semiconductor Device Mounting
Technology Manual (C10535E).
For soldering methods and conditions other than the recommended conditions, please consult one of our NEC
sales representatives.
Table 15-1. Soldering Conditions for Surface-Mount Type
(1)
µPD63GS-××× : 20-pin plastic SOP (300 mil)
µPD63AGS-××× : 20-pin plastic SOP (300 mil)
µPD64GS-××× : 20-pin plastic SOP (300 mil)
Soldering Method
Soldering Condition
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C; time: within 30 secs. max. (210 °C or higher);
IR35-00-2
count: no more than twice
VPS
Package peak temperature: 215
°C; time: 40 secs. max. (200 °C or higher); count:
VP15-00-2
no more than twice
Wave soldering
Solder bath temperature: 260
°C max.; time: 10 secs. max.; count: once;
WS60-00-1
Preliminary heat temperature: 120
°C max. (Package surface temperature)
Partial heating
Pin temperature: 300
°C or less ; time: 3 secs or less (for each side of the device)
—
Caution Using more than one soldering method should be avoided (except in the case of partial
heating).
(2)
µPD64MC-×××-5A4: 20-pin plastic SSOP (300 mil)
Soldering Method
Soldering Condition
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C; time: within 30 secs. max. (210 °C or higher);
IR35-00-3
count: no more than three times
VPS
Package peak temperature: 215
°C; time: 40 secs. max. (200 °C or higher); count:
VP15-00-3
no more than three times
Wave soldering
Solder bath temperature: 260
°C max.; time: 10 secs. max.; count: once;
WS60-00-1
Preliminary heat temperature: 120
°C max. (Package surface temperature)
Partial heating
Pin temperature: 300
°C or less ; time: 3 secs or less (for each side of the device)
—
Caution Using more than one soldering method should be avoided (except in the case of partial
heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com