Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD67 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # UPD67
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button UPD67 Datasheet HTML 20Page - Renesas Technology Corp UPD67 Datasheet HTML 21Page - Renesas Technology Corp UPD67 Datasheet HTML 22Page - Renesas Technology Corp UPD67 Datasheet HTML 23Page - Renesas Technology Corp UPD67 Datasheet HTML 24Page - Renesas Technology Corp UPD67 Datasheet HTML 25Page - Renesas Technology Corp UPD67 Datasheet HTML 26Page - Renesas Technology Corp UPD67 Datasheet HTML 27Page - Renesas Technology Corp UPD67 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
22
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
By setting the flag (t9) that enables the timer output to 1, the timer can output its operation status from the S1/
LED pin and the REM pin. The REM pin can also output the carrier while the timer is in operation.
Table 4-1. Timer Output (at t9 = 1)
S1/LED Pin
REM Pin
Timer operating
Low level
High level (or carrier outputNote)
Timer halting
High level
Low level
Note The carrier output results if bit 9 (CARY) of the high-level period setting modulo register (MOD1) is cleared
(to 0).
Figure 4-2. Timer Output (When Carrier Is Not Output)
(a)
µPD67, 68, and 69
(b)
µPD67A and 68A
Timer output time:
(Set value + 1)
× 64/fX
LED
REM
Timer output time:
(Set value + 1)
× 64/fX – 4/fX
LED
REM
4/fX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com