Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS33 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFS33
Description  SOLID STATE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS33 Datasheet(HTML) 2 Page - Hongfa Technology

  HFS33 Datasheet HTML 1Page - Hongfa Technology HFS33 Datasheet HTML 2Page - Hongfa Technology HFS33 Datasheet HTML 3Page - Hongfa Technology HFS33 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CHG@>B: 9>A:BF>CBF- J>E>B< 9>7<E7A 7B9 ACHBG>B< =C@:F
}4Kf|B47 uHEE8AG IFfs@5<8AG .8@Cf avejhhvih}b
}4Kf|B47 uHEE8AG IFfs@5<8AG .8@Cf
aveihhvlh}d vejhhvlh}b
s@5<8AG .8@C8E4GHE8 a b
s@5<8AG .8@C8E4GHE8 a b
FWOMRLS YOX\OZ[ MVNO
a *A?L 9BE FC86<4? E8DH<E8@8AGFd 8f:f mmm FG4A7 9BE ,Bz- 6B@C?<4AG b
>UW\[ ]VS[LQO
ve jhh
1//r jhh0 2/r kh0 4/r mh0
0//r ihh0 3//r lhh0
@VLN 8\YYOU[
0/r ihs 1/r jhs 3/r lhs 4/r mhs
5/r phs 0//r ihhs
v
CE9:E>B< >B;CEA7G>CB
G^WO
ih
}e|
@VLN IVS[LQO PVYT 9r vu
C\[W\[ MVTWVUOU[ Ar }*-xw. BHGCHG
@:9 RUNRML[VY
@r 1<G; |wv
BRSr 1<G;BHG |wv
222
8=7E78G:E>FG>8 97G7
zx-kk g
9r k GB kj0vu a1<G;BHG |wvb
l GB kj0vu a1<G; |wvb
BVTRULS IVS[LQO
1<E<A: v<4:E4@
}BHAG<A: zB?8 |4LBHG
k
l
j
i
{ACHG
|B47
-BHE68 c
li
BV[OZ6 ib -H6; FC86<9<64G<BAF 4I4<?45?8rzx-kkgvekhvmh}eUd zx-kkgvemhvlh}eUd zx-kkgveihhvjh}eUd zx-kkgveimhvmh}eUd zx-kkgve
jhhvlh}eUd zx-kkgvekhvihh}eUd zx-kkgvemhvph}eUd zx-kkgveihhvlh}eUd zx-kkgvejhhvih}eUd zx-kkgvelhhvih}eUf
jb zx-kk <F 4A 8AI<EBA@8AG4? 9E<8A7?L CEB7H6Gd C?84F8 @4E> FC86<4? 6B78 ammmb J;8A BE78Ef
*HG?<A8
v<@8AF<BAF
je}k
je}l
mp
lkfj
pfk
lofm
k
l
j
i
hfj
hfk
hfk
hfk
je lfm
lofm hfj
je}l
ejh
ekh
h
jh
j
h
ihh
lh
nh
ph
m
jm
jh
ih
1<G; 4?H@<AH@ ;84G F<A>
@84FHE<A: zxqjteph
1<G;BHG z84G -<A>
ejh
ekh
h
jh
m
h
ihh
lh
nh
ph
jh
ih
im
kh
lh
1<G; 4?H@<AH@ ;84G F<A>
@84FHE<A:zxqjteimhs
1<G;BHG z84G -<A>
/A<Gr @@
s<E x?BJVjhux}
jb
ib



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com