Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS9WBCR4 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVS9WBCR4
Description  White PLCC2 Surface Mount LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS9WBCR4 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVS9WBCR4 Datasheet HTML 1Page - OPTEK Technologies OVS9WBCR4 Datasheet HTML 2Page - OPTEK Technologies OVS9WBCR4 Datasheet HTML 3Page - OPTEK Technologies OVS9WBCR4 Datasheet HTML 4Page - OPTEK Technologies OVS9WBCR4 Datasheet HTML 5Page - OPTEK Technologies OVS9WBCR4 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A .1
11/06
Page 2 of 6
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
White PLCC2 Surface Mount LED
OVS9WBCR4
Electrical Characteristics
TA = 25
o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
560
750
1125
mcd
IF = 20 mA
VF
Forward Voltage
2.9
3.2
3.8
V
IF = 20 mA
IR
Reverse Current
----
----
10
µA
VR = 5 V
2 Θ½
50% Power Angle
----
120
----
deg
IF = 20 mA
Chromaticity
Coordinates
x
----
0.3150
----
----
IF = 20 mA
y
----
0.3354
----
----
IF = 20 mA
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +100°C
Soldering Temperature (10 - 30 seconds maximum)
260°C
Reverse Voltage
5 V
Continuous Forward Current
20 mA
Peak Forward Current (TP ≤ 10 µs, Duty Cycle = 0.005)
200 mA
LED Junction Temperature
125°C
Electrostatic Discharge (ESD Threshold [HBM])
2000 V
Power Dissipation (at room temperature)
85 mW
Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. Pb content <1000 PPM.
3. To designate luminous intensity ranks or chromaticity bins, please contact OPTEK.
4. Part is sensitive to static electricity and precautions must be used when handling products.
Standard Bins (I
F = 20 mA)
Lamps are sorted to luminous intensity (IV) and chromaticity coordinates (x, y) bins shown.
Orders for OVS9WBCR4 may be filled with any or all bins contained as below.
V2
V1
U2
Luminous Intensity (mcd)
1125
900
715
560



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com