Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410C036 Datasheet(PDF) 32 Page - STMicroelectronics

Part # VV6410C036
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410C036 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VV6410C036 Datasheet HTML 28Page - STMicroelectronics VV6410C036 Datasheet HTML 29Page - STMicroelectronics VV6410C036 Datasheet HTML 30Page - STMicroelectronics VV6410C036 Datasheet HTML 31Page - STMicroelectronics VV6410C036 Datasheet HTML 32Page - STMicroelectronics VV6410C036 Datasheet HTML 33Page - STMicroelectronics VV6410C036 Datasheet HTML 34Page - STMicroelectronics VV6410C036 Datasheet HTML 35Page - STMicroelectronics VV6410C036 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 105 page
background image
VV5410 & VV6410
Digital Video Interface Format
cd5410-6410f-3-0.fm
Commercial in confidence
32/105
1. A start of field line
2. A number of black lines
3. A number of blank (or dark) lines
4. A number active video lines
5. An end of field line
6. A number of blank or black lines
Table 14 details the number of each type of data lines for NTSC, PAL, CIF and QCIF output formats. Each line of data starts with
an embedded control sequence that identifies the line type (as outlined in Table 14). The control sequence is then followed by
two bytes that contain a coded line number. The line number sequences starts with the start-of-frame line at 00H and increments
one per line up until the end-of-frame line. Each line is terminated with an end-of-line embedded control sequence. The line start
embedded sequences must be used to recognise visible video lines as a number of null bytes may be inserted between
successive data lines.
There are a series of figures (Figure 14 - Figure 25) on the following pages that show line type construction of the fields in each
Video Format
NTSC
PAL
CIF
QCIF
VP3 mode
On
Off
On
Off
On
Off
On
Off
Extra Black Lines
On
Off
N/A
On
Off
N/A
On
Off
N/A
On
Off
N/A
1st Field
Start of Field Line
1
1
1
1
1
1
1
1
1
1
1
1
Black Lines
8
2
8
8
2
16
8
2
16
8
2
8
Blanking Lines
1
7
0
1
7
0
1
7
0
1
7
0
Dark Lines
0
0
8
0
0
2
0
0
10
0
0
2
Active Video lines
244
244
244
292
292
292
292
292
292
148
148
148
End of Field Line
1
1
1
1
1
1
1
1
1
1
1
1
Blanking Lines
0
7
0
0
9
0
0
17
0
0
1
0
Black Lines
7
0
0
9
0
0
17
0
0
1
0
0
Total
262
262
262
312
312
312
320
320
320
160
160
160
2nd Field
Start of Field Line
1
1
1
1
1
1
1
1
1
1
1
1
Black Lines
8
2
8
8
2
16
8
2
16
8
2
8
Blanking Lines
1
7
0
1
7
0
1
7
0
1
7
0
Dark Lines
0
0
8
0
0
2
0
0
10
0
0
2
Active Video lines
244
244
244
292
292
292
292
292
292
148
148
148
End of Field Line
1
1
1
1
1
1
1
1
1
1
1
1
Blanking Lines
0
8
0
0
10
0
0
17
0
0
1
0
Black Lines
8
0
1
10
0
1
17
0
0
1
0
0
Total
263
263
263
313
313
313
320
320
320
160
160
160
Table 14 : Field and Frame Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com