Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM1610 Datasheet(PDF) 5 Page - Micro Electronics

Part # CCM1610
Description  16 x 1 line Character
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

CCM1610 Datasheet(HTML) 5 Page - Micro Electronics

  CCM1610 Datasheet HTML 1Page - Micro Electronics CCM1610 Datasheet HTML 2Page - Micro Electronics CCM1610 Datasheet HTML 3Page - Micro Electronics CCM1610 Datasheet HTML 4Page - Micro Electronics CCM1610 Datasheet HTML 5Page - Micro Electronics CCM1610 Datasheet HTML 6Page - Micro Electronics CCM1610 Datasheet HTML 7Page - Micro Electronics CCM1610 Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
• ENVIRONMENTAL CONDITIONS
Item
Operating
Non-Operating
Remarks
Min
Max
Min
Max
Ambient
Temperature
0
°C
50
°C
-20
°C
70
°C
Normal
Temperature Type
(Ta)
-20
°C
70
°C
-30
°C
80
°C
Extended
Temperature Type
Vibration
--
0.5G
--
2G
G=9.8 m/s
2
Shock
--
3G
--
50G
XYZ Directions
Corrosion Gas
No Corrosion Gas
• OPTICAL CHARACTERISTICS
TN TYPE
Item
Symbol
Condition
Min
Typ
Max
Unit
Viewing Angle
∅2-∅1
K=1.4
20
--
--
Deg
Contrast Ratio
K
∅=25°
θ=0°
--
3
--
--
Response Time (Rise)
tr
∅=25°
θ=0°
--
200
250
ms
Response Time (Fall)
tf
∅=25
θ=0°
--
200
300
ms
STN TYPE
Item
Symbol
Condition
Min
Typ
Max
Unit
Viewing Angle
∅2-∅1
K=1.4
40
--
--
Deg
Contrast Ratio
K
∅=25°
θ=0°
3
--
--
--
Response Time (Rise)
tr
∅=25°
θ=0°
--
200
300
ms
Response Time (Fall)
tf
∅=25
θ=0°
--
250
350
ms
Micro Electronics Corp
Http://www.microelect.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com