Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POC-421 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # POC-421
Description  21" Multimodal Terminal with 8th Generation Intel® Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-421 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  POC-421 Datasheet HTML 1Page - Advantech Co., Ltd. POC-421 Datasheet HTML 2Page - Advantech Co., Ltd. POC-421 Datasheet HTML 3Page - Advantech Co., Ltd. POC-421 Datasheet HTML 4Page - Advantech Co., Ltd. POC-421 Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Online Download www.advantech.com/products
POC-421
Unit: mm
Dimensions
1. 4 x USB3.1
2. HDMI
3. COM RS232 Port
4. 2 x Giggabit Ethernet
5. DC-in
6. Equipotential terminal pin
I/O Ports
Front Function Keys
Power Button
1
4
2
5
3
6
Multimodal
All-in-One PC
Touch Display (PAX-1)
Box PC (USM-100)
523.67
Mounting screws: M4 0.7 pitch 10mm long
100.00
75.00
59.00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com