Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POC-821 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # POC-821
Description  21" Point-of-Care Terminal with 9th Generation Intel Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-821 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  POC-821 Datasheet HTML 1Page - Advantech Co., Ltd. POC-821 Datasheet HTML 2Page - Advantech Co., Ltd. POC-821 Datasheet HTML 3Page - Advantech Co., Ltd. POC-821 Datasheet HTML 4Page - Advantech Co., Ltd. POC-821 Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.advantech.com/products
Online Download
POC-821
I/O Ports
1. Equipotential Terminal Pin
2. 2 x COM Ports (RS232)
3. Power Button
4. Line-out
5. Mic-In
6. 3 x LAN Ports
7. 4 x USB3.0
8. Display Port
9. HDMI
10. DC-In
Unit: mm
Dimensions
523.67 ±1.00
57.00 ±1.00
75.00
100.00
M4 screw hole
(deepth<=6mm)
2
7
3
4
1
5
8
6
9
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com