Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-R01 Datasheet(PDF) 90 Page - STMicroelectronics

Part # STV-DCA/CIF-R01
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-R01 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STV-DCA/CIF-R01 Datasheet HTML 86Page - STMicroelectronics STV-DCA/CIF-R01 Datasheet HTML 87Page - STMicroelectronics STV-DCA/CIF-R01 Datasheet HTML 88Page - STMicroelectronics STV-DCA/CIF-R01 Datasheet HTML 89Page - STMicroelectronics STV-DCA/CIF-R01 Datasheet HTML 90Page - STMicroelectronics STV-DCA/CIF-R01 Datasheet HTML 91Page - STMicroelectronics STV-DCA/CIF-R01 Datasheet HTML 92Page - STMicroelectronics STV-DCA/CIF-R01 Datasheet HTML 93Page - STMicroelectronics STV-DCA/CIF-R01 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 105 page
background image
VV5410 & VV6410
Other Features
cd5410-6410f-3-0.fm
Commercial in confidence
90/105
Digital
Regulator
5V
Vout
Audio
Regulator
5V
Vout
Analog
Regulator
5V
Vout
Audio Amp
Analog Core
Digital
Logic
VVL410
pd_areg
pd_creg
pd
Vbus
Reg3v3
Vddcore
Aud3v3
Vid3v3
Vbase
220nF
220nF
Vbg
Vbg
Vbg
100nF
Voltage
Doubler
100nF
Vddhi
Vbg
Vddio
VIN
(5V)
(powered up)
(powered up)
Figure 47 : USB Power Setup
27uF
390
Key:
5V0 supply
from USB cable
Regulated 3V3
Digital
Regulator
5V
Vout
Audio
Regulator
5V
Vout
Analog
Regulator
5V
Vout
Audio Amp
Analog Core
Digital
Logic
VVL410
pd_areg
pd_creg
pd
Vbus
Reg3v3
Vddcore
Aud3v3
Vid3v3
DVDD
Vbase
220nF
220nF
Vbg
Vbg
Vbg
100nF
Voltage
Doubler
100nF
Vddhi
Vbg
(3.3V)
Vddio
AVDD
(3.3V)
N/C
N/C
(powered down)
(powered down)
Figure 48 : Direct drive @3V3 Setup
Key:
Analogue 3V3
supply
Digital 3V3
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com