Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTLS Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RTLS
Description  Receives location data from BLE tags
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RTLS Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RTLS Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
RTLS Receiver
ƒ
Receives location data from BLE tags
ƒ
Connects to server through ethernet or Wi-Fi
ƒ
Supports PoE
Introduction
RTLS Receivers communicate with BLE tags and then send the location data back to server. There are two versions of RTLS Receiver, PoE and Wi-Fi, allowing the receivers to connect
to server through ethernet or Wi-Fi.
Specifications
I/O
LAN
1 (10/100 Mbps); Support PoE
DC Jack
1 (Wi-Fi version only)
Reset
1
Physical Characteristics
Dimension
106 (L) x 106 (W) x 35 (H) mm
Weight
200 g
Color
White
Power
Input Voltage
Wi-Fi version: DC 5V/1A (Max. 5W power adapter)
PoE version: PoE Switch DC 48~57V (Complies with IEEE 802.3/802.3u standard)
Communication
Bluetooth
Bluetooth 4.1
Antenna
Chip antenna
Sensitivity
-95 dBm
Transmission Range
Indoor: up to 10 m/Open space: up to 30 m
Ordering Information
Part Number
Description
LAN
PoE
DC Jack
Reset
96PD-01303
RTLS Receiver-PoE version
V
V
X
V
96PD-01304
RTLS Receiver-Wi-Fi version
V
X
V
V
Figures
PoE version
Wi-Fi version
Reset
Reset
DC jack
LAN/PoE
LAN
All product specifications are subject to change without notice.
Last updated: 19-May-2022


Similar Part No. - RTLS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RTLS-B7-TAG ADVANTECH-RTLS-B7-TAG Datasheet
264Kb / 1P
RTLS tag for patient/staff locating
19-May-2022
RTLS-E7-TAG ADVANTECH-RTLS-E7-TAG Datasheet
194Kb / 1P
RTLS tag for asset/equipment management
19-May-2022
RTLS-WI-SUN ADVANTECH-RTLS-WI-SUN Datasheet
231Kb / 1P
For organizing Wi-SUN mesh network
19-May-2022
RTLS-WI-SUN-NODE ADVANTECH-RTLS-WI-SUN-NODE Datasheet
150Kb / 1P
For organizing Wi-SUN mesh network
19-May-2022
More results

Similar Description - RTLS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7320X01 SAMSUNG-S5C7320X01 Datasheet
221Kb / 13P
S5C7320X01 receives digital data from CCD-using video camera systems such as MMPC and surveillance cameras, and outputs combined video signals
logo
Toshiba Semiconductor
TMP68652 TOSHIBA-TMP68652 Datasheet
1Mb / 40P
The TMP68652 MPCC formats, transmits, and receives synchronous serial data while supporting...
logo
Texas Instruments
WL1271-TYPETN TI-WL1271-TYPETN Datasheet
48Kb / 2P
WLAN 802.11 b/g/n and Bluetooth짰 v4.0 BLE Module from Murata
logo
Marl International Limi...
675-501-00-50 MARL-675-501-00-50_15 Datasheet
319Kb / 4P
Silver plated brass termination tags
logo
Ramtron International C...
AN91184 RAMTRON-AN91184 Datasheet
2Mb / 36P
Designing BLE Applications
logo
Cooper Bussmann, Inc.
GF710 COOPER-GF710_15 Datasheet
152Kb / 3P
GF BS88 Centre bolted tags
logo
Holtek Semiconductor In...
BCM-7602-G01 HOLTEK-BCM-7602-G01 Datasheet
1Mb / 4P
BLE Transparent Transmission Module
logo
List of Unclassifed Man...
GF710 ETC1-GF710 Datasheet
152Kb / 3P
GF BS88 Centre bolted tags
logo
ATMEL Corporation
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
BLE Module
logo
LinkCom Manufacturing C...
CLB1C502UDEWA0-00G LINKCOM-CLB1C502UDEWA0-00G Datasheet
549Kb / 3P
BLE Mesh Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com