Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2013H Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT2013H
Description  One Lamp/LED Flash Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2013H Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT2013H Datasheet HTML 1Page - Holtek Semiconductor Inc HT2013H Datasheet HTML 2Page - Holtek Semiconductor Inc HT2013H Datasheet HTML 3Page - Holtek Semiconductor Inc HT2013H Datasheet HTML 4Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Absolute Maximum Ratings
Supply Voltage .............................. –0.3V to 5.5V
Storage Temperature................. –50
°C to 125°C
Input Voltage................. VSS–0.3V to VDD+0.3V
Operating Temperature............... –20
°C to 75°C
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VDD
Condition
VDD
Operating Voltage
—
—
1.2
3
4.5
V
ISTB
Standby Current
3V
—
—
1
2
µA
IDD
Operating Current
3V
No load
—
200
500
µA
IOL
OUT Pad Sink Current
1.5V
VOL=0.15V
5
12
—
mA
3V
VOL=0.3V
10
30
—
mA
FOSC
System Frequency
3V
—
—
32K
—
Hz
Application Circuit
Chip form with ON/OFF control
Chip form without ON/OFF control
*The IC substrate should be connected to VDD in PCB layout artwork.
HT201XX
3
10th June ’97



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com