Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC15 Datasheet(PDF) 1 Page - GE Solid State

Part # MAC15
Description  15-A Silicon Triacs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GESS [GE Solid State]
Direct Link  
Logo GESS - GE Solid State

MAC15 Datasheet(HTML) 1 Page - GE Solid State

  MAC15 Datasheet HTML 1Page - GE Solid State MAC15 Datasheet HTML 2Page - GE Solid State MAC15 Datasheet HTML 3Page - GE Solid State MAC15 Datasheet HTML 4Page - GE Solid State  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - MAC15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC15 ONSEMI-MAC15 Datasheet
70Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2006 ??Rev. 3
MAC15 ONSEMI-MAC15 Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
October, 2008 ??Rev. 4
logo
Digitron Semiconductors
MAC15 DIGITRON-MAC15 Datasheet
215Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
MAC15 NJSEMI-MAC15 Datasheet
101Kb / 2P
Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
MAC15-008 ONSEMI-MAC15-008 Datasheet
70Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2006 ??Rev. 3
More results

Similar Description - MAC15

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
Internally Triggered Triacs (4 A to 15 A)
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
10-A SILICON TRIACS
BTA23 ETC-BTA23 Datasheet
269Kb / 5P
12-A SILICON TRIACS
T6401 ETC-T6401 Datasheet
297Kb / 5P
30-A SILICON TRIACS
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
40-A Silicon Triacs
logo
Solid State Optronic
2N5754 SSOUSA-2N5754 Datasheet
199Kb / 4P
2.5-A Silicon Triacs
logo
New Jersey Semi-Conduct...
T4700 NJSEMI-T4700 Datasheet
538Kb / 2P
15-Ampere Silicon Triacs
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
40-A Silicon Triacs
T6401 NJSEMI-T6401 Datasheet
99Kb / 2P
30-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
40-A Silicon Triacs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com