Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2722AF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BU2722AF
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2722AF Datasheet(HTML) 5 Page - NXP Semiconductors

  BU2722AF Datasheet HTML 1Page - NXP Semiconductors BU2722AF Datasheet HTML 2Page - NXP Semiconductors BU2722AF Datasheet HTML 3Page - NXP Semiconductors BU2722AF Datasheet HTML 4Page - NXP Semiconductors BU2722AF Datasheet HTML 5Page - NXP Semiconductors BU2722AF Datasheet HTML 6Page - NXP Semiconductors BU2722AF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2722AF
Fig.13. Typical power dissipation.
P
tot = f(IB); IC = 4.5 A; f = 64 kHz; Parameter Ths
Fig.14. Test Circuit RBSOA. V
CC = 150 V;
-V
BB = 1 - 4 V;
L
C = 1 mH; VCL = 1500 V; LB = 1 - 3 µH;
C
FB = 1 - 4 nF; IB(end) = 0.8 - 4 A
Fig.15. Reverse bias safe operating area. T
j ≤ Tjmax
01
23
4
1
10
100
BU2722AF
Ptot / W
IB / A
Ths = 85 C
Ths = 25 C
1000
0
2
4
6
8
10
12
14
16
18
20
22
24
26
VCE / V
IC / A
1700
BU2720AF/DF
Area where
fails occur
100
LB
IBend
-VBB
LC
T.U.T.
VCC
VCL
CFB
September 1997
5
Rev 1.200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com