Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2722DF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU2722DF
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2722DF Datasheet(HTML) 3 Page - NXP Semiconductors

  BU2722DF Datasheet HTML 1Page - NXP Semiconductors BU2722DF Datasheet HTML 2Page - NXP Semiconductors BU2722DF Datasheet HTML 3Page - NXP Semiconductors BU2722DF Datasheet HTML 4Page - NXP Semiconductors BU2722DF Datasheet HTML 5Page - NXP Semiconductors BU2722DF Datasheet HTML 6Page - NXP Semiconductors BU2722DF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Preliminary specification
Silicon Diffused Power Transistor
BU2722DF
Fig.1. Switching times waveforms (64 kHz).
Fig.2. Switching times definitions.
Fig.3. Switching times test circuit.
Fig.4. DC current gain. h
FE = f (IC)
Parameter T
hs
(Low and high gain)
IC
IB
VCE
ICsat
IBend
16us
6.5us
5us
t
t
t
TRANSISTOR
DIODE
+ 150 v nominal
adjust for ICsat
Lc
Cfb
D.U.T.
LB
IBend
-VBB
Rbe
ICsat
90 %
10 %
tf
ts
IBend
IC
IB
t
t
- IBM
BU2720/22DF
0.01
0.1
1
10
100
1
10
100
Ths = 25 C
Ths = 85 C
VCE = 5 V
hFE
IC / A
November 1995
3
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com