Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CS32-SSHM-B Datasheet(PDF) 11 Page - Microchip Technology

Part # AT24CS32-SSHM-B
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32-SSHM-B Datasheet(HTML) 11 Page - Microchip Technology

Back Button AT24CS32-SSHM-B Datasheet HTML 7Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 8Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 9Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 10Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 11Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 12Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 13Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 14Page - Microchip Technology AT24CS32-SSHM-B Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Figure 4-1. Bus Timing
SCL
SDA In
SDA Out
t
F
t
HIGH
t
LOW
t
R
t
DH
t
AA
t
BUF
t
SU.STO
t
SU.DAT
t
HD.DAT
t
HD.STA
t
SU.STA
4.5
Electrical Specifications
4.5.1
Power-Up Requirements and Reset Behavior
During a power-up sequence, the VCC supplied to the AT24CS32 should monotonically rise from GND to the
minimum VCC level, as specified in Table 4-1, with a slew rate no faster than 0.1 V/µs.
4.5.1.1
Device Reset
To prevent inadvertent write operations or any other spurious events from occurring during a power-up sequence, the
AT24CS32 includes a Power-on Reset (POR) circuit. Upon power-up, the device will not respond to any commands
until the VCC level crosses the internal voltage threshold (VPOR) that brings the device out of Reset and into Standby
mode.
The system designer must ensure the instructions are not sent to the device until the VCC supply has reached a
stable value greater than or equal to the minimum VCC level. Additionally, once the VCC is greater than or equal to the
minimum VCC level, the bus master must wait at least tPUP before sending the first command to the device. See Table
4-4 for the values associated with these power-up parameters.
Table 4-4. Power-up Conditions(1)
Symbol
Parameter
Min. Max. Units
tPUP
Time required after VCC is stable before the device can accept commands
100
-
µs
VPOR
Power-on Reset Threshold Voltage
-
1.5
V
tPOFF
Minimum time at VCC = 0V between power cycles
500
-
ms
Note: 
1.
These parameters are characterized but they are not 100% tested in production.
If an event occurs in the system where the VCC level supplied to the AT24CS32 drops below the maximum VPOR level
specified, it is recommended that a full power cycle sequence be performed by first driving the VCC pin to GND,
waiting at least the minimum tPOFF time and then performing a new power-up sequence in compliance with the
requirements defined in this section.
AT24CS32
Electrical Characteristics
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com