Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G55J Datasheet(PDF) 6 Page - Microchip Technology

Part # G55J
Description  Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

G55J Datasheet(HTML) 6 Page - Microchip Technology

Back Button G55J Datasheet HTML 2Page - Microchip Technology G55J Datasheet HTML 3Page - Microchip Technology G55J Datasheet HTML 4Page - Microchip Technology G55J Datasheet HTML 5Page - Microchip Technology G55J Datasheet HTML 6Page - Microchip Technology G55J Datasheet HTML 7Page - Microchip Technology G55J Datasheet HTML 8Page - Microchip Technology G55J Datasheet HTML 9Page - Microchip Technology G55J Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
3.
Block Diagram
Figure 3-1. PL485 Block Diagram
I
D
AHB/APB
Bridge
PCK[2:0]
XIN32
XOUT32
XOUT
VDDIO
ADTRG
System Controller
JTAG and Serial Wire
Flash
Unique
Identifier
Voltage
Regulator
TST
12-bit ADC
TCLK[2:0]
TIOA[2:0]
TIOB[2:0]
USB 2.0
Full-speed
In-Circuit Emulator
MPU
Cortex-M4 Processor
fMAX 100 MHz
NVIC
24-bit SysTick
Counter
DSP
Flash
512 Kbytes
DP
DM
PDC
User
Signature
WKUP[15:0]
FPU
SAMG55
PL360
NRST
AD[7:0]
PDC
Timer Counter A
TC[0..2]
Timer Counter B
TC[3..5]
SRAM
160 Kbytes
ROM
8 Kbytes
S
SRAM
16 Kbytes
Supply
Controller
32K OSC
32K RC
Power-on
Reset
PLLA
Power
Management
Controller
RC OSC
8/16/24 MHz
PLLUSB
CMCC
2/4/8 Kb Cache
CRCCU
RXD_MISO_TWCK0...7
TXD_MOSI_TWD0...7
SCK_SPCK0...7
RTS_NPCS1_0...7
CTS_NPCS0NSS_0...7
8 x
USART, SPI, TWI
PDC
2668
bytes
FIFO
Tamper Detection
USB OHCI
I2SDI0...1
I2SWS0...1
I2SCK0...1
I2SDO0...1
I2SMCK0...1
2 x I2SC
PDC
PDMIC_DAT
PDMIC0
PDC
PDMIC1 PDC
DMA
4-layer AHB Bus Matrix
f
MAX 100 MHz
S
S
S
S
M
M
M
M
M
VDDUSB
Backup area
ERASE
XIN
Real-time
Clock
Real-time
Timer
256-bit
General-purpose
Backup Registers
Reset
Controller
Supply
Monitor
Watchdog
Timer
PIOA/PIOB
VDDCORE
PDMIC_CLK
PL485
FLEXCOM
PL_EMIT[3:0]
PL_TXRX[1:0]
PL_VCZ
PL_AGC
PL_VIN
Block Diagram
© 2020 Microchip Technology Inc.
Datasheet
60001600B-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com