Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0029SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0029SMB
Description  GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0029SMB Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0029SMB Datasheet HTML 1Page - Tyco Electronics MASWSS0029SMB Datasheet HTML 2Page - Tyco Electronics MASWSS0029SMB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT 2.8 V High Power Switch
DC - 3.0 GHz
MASWSS0029
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
4
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5
VC = 0 V, 2.8 V
dB
dB
dB
—
—
—
0.40
0.50
0.60
0.65
—
—
Isolation
VC = 0 V, 2.8 V
dB
dB
dB
23
—
—
24.5
18.5
13
—
—
—
Return Loss
VC = 0 V, 2.8 V
dB
dB
—
—
20
16
—
—
IP3
VC = 0 V, 2.8 V
Two Tone, +29 dBm Total Pin, 1 MHz Spacing
dBm
—
60
—
P0.1dB
VC = 0 V, 3 V
dBm
—
34
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
200
—
Ton, Toff
50% control to 90% RF,
and 50% control to 10% RF
nS
—
250
—
Transients
In Band
mV
—
14
—
Gate Leakage
VC = 2.8 V
uA
—
—
60
Frequency
DC – 1 GHz
1 – 2 GHz
2 - 3 GHz
DC – 1 GHz
1 – 2 GHz
2 - 3 GHz
DC – 2 GHz
2 - 3 GHz
0.05 - 3 GHz
—
—
—
—
—
4. External DC blocking capacitors are required on all RF ports.
5. Insertion Loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 - 500 MHz, 39 pF for 0.5 - 3.0 GHz.
V1
V2
ANT– RF1
ANT - RF2
+2.8 V
0 V
On
Off
0 V
+2.8 V
Off
On
Truth Table
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
SOT-26 Plastic Package†
†
Meets JEDEC moisture sensitivity level 1 requirements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com