Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP2A-DC24V-R Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # DSP2A-DC24V-R
Description  MINIATURE POWER RELAY IN DS RELAY SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DSP2A-DC24V-R Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  DSP2A-DC24V-R Datasheet HTML 1Page - Nais(Matsushita Electric Works) DSP2A-DC24V-R Datasheet HTML 2Page - Nais(Matsushita Electric Works) DSP2A-DC24V-R Datasheet HTML 3Page - Nais(Matsushita Electric Works) DSP2A-DC24V-R Datasheet HTML 4Page - Nais(Matsushita Electric Works) DSP2A-DC24V-R Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
234
DSP-
RELAYS
MINIATURE POWER RELAY
IN DS RELAY SERIES
DSP1a
DSP1
DSP2a
20.2
.795
11.0
.433
10.5
.413
FEATURES
• Power types added to DS relay series
• High switching capacity: 1a: 8 A 250 V AC / 1a1b, 2a: 5 A 250 V AC
• High sensitivity: 190 mW pick-up power
• High contact welding resistance
• Latching types available
• High breakdown voltage 3,000 Vrms between contacts and coil
1,000 Vrms between open contacts Meeting FCC Part 68
• Sealed types are standard
SPECIFICATIONS
Contact
Coil (polarized) (at 20
°C 68°F)
Note: All specifications are based on the condition of 25
°C 77°F, 50% R.H. unless
otherwise specified.
Characteristics
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section
*2 Detection current: 10mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7
Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
Arrangement
1a
1a1b
2a
Contact material
Gold flash over silver alloy
Initial contact resistance, max.
(By voltage drop 6 V DC 1A)
30 m
Ω
Nominal switching capacity
8A 250
VAC
5A 30 VDC
5A 250 VAC
5A 30 VDC
Rating
(resistive)
Max. switching power
2,000 VA
150 W
1,250 VA
150 W
Max. switching voltage
250 V AC, 30 V DC
Max. switching current
8 A
5 A
Expected
life (min.
operations)
Mechanical (at 180 cpm)
5
×107
Electrical
105
Minimum
operating
power
Single side stable
192 mW
2 coil latching
192 mW
Nominal
operating
power
Single side stable
300 mW
2 coil latching
300 mW
Max. operating speed
30 cps. at rated load
Initial insulation resistance*1
Min. 1,000 M
Ω at 500 V DC
Initial
breakdown
voltage*2
Between open contacts
1,000 Vrms
Between contact sets
2,000 Vrms (1a1b, 2a)
Between contacts and coil
3,000 Vrms
Surge voltage between contacts and coil
Min. 5,000 V
Set time*3 (at nominal voltage)
Max. 10 ms (Approx. 5 ms)
Reset time*3 (at nominal voltage)
Max. 10 ms (Approx. 4 ms)
Operate time*3 (at nominal voltage)
Max. 10 ms (Approx. 5 ms)
Release time(without diode)*3
(at nominal voltage)
Max. 5 ms (Approx. 4 ms)
Temperature rise
Max. 40
°C (1a1b type)
Max. 55
°C (1a, 2a types)
Soldering temperature
250
°C (10 s) 300°C (5 s),
350
°C (3 s)
Shock
resistance
Functional*4
Min. 196 m/s2 {20 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*6
117.6 m/s2 {12 G}, 10 to 55 Hz
at double amplitude of 2 mm
Destructive
205.8 m/s2 {21 G}, 10 to 55 Hz
at double amplitude of 3.5 mm
Conditions for operation, transport
and storage*7
(Not freezing and condensing at low
temperature)
–40
°C to +65°C – 40°F 149°F
Unit weight
Approx. 4.3 g .15 oz
TYPICAL APPLICATIONS
Office and industrial electronic devices
• Terminal devices of information process-
ing equipment, such as printer, data re-
corder.
• Office equipment (copier, facsimile)
• Measuring instruments
• NC machines, temperature controllers
and programmable logic controllers.
ORDERING INFORMATION
Ex. DSP
1
L
DC12V
R
Contact arrangement
1: 1a1b
1a: 1a
2a: 2a
Operating function
Nil: Single side stable
L2: 2 coil latching
Coil voltage
DC: 3, 5, 6,
9, 12, 24 V
Polarity
Nil: Standard polarity
R: Reverse polarity
(Note) Standard packing–Carton: 50 pcs.; Case: 500 pcs.
UL/CSA, VDE approved type is standard.
mm inch


Similar Part No. - DSP2A-DC24V-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSP2a-DC24V ETC2-DSP2a-DC24V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP2A-DC24V PANASONIC-DSP2A-DC24V Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
DSP2A-DC24V PANASONIC-DSP2A-DC24V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
More results

Similar Description - DSP2A-DC24V-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
logo
List of Unclassifed Man...
DSP1A-DC3V ETC2-DSP1A-DC3V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1-DC12V-R-F PANASONIC-DSP1-DC12V-R-F Datasheet
136Kb / 6P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Schneider Electric
RXM4AB1P7 SCHNEIDER-RXM4AB1P7 Datasheet
142Kb / 6P
Miniature plug-in relay
Aug 13, 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com