Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPD2004 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPD2004
Description  SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD2004 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPD2004 Datasheet HTML 1Page - Central Semiconductor Corp CMPD2004 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CMPD2003
CMPD2004
CMPD2003C
CMPD2004A
CMPD2003S
CMPD2004C
CMPD2004S
SURFACE MOUNT
HIGH VOLTAGE
SILICON SWITCHING DIODE
R7 (6-August 2003)
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
CMPD2004
CMPD2003
CMPD2004A
CMPD2003C
CMPD2004C
CMPD2003S
CMPD2004S
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
UNITS
BVR
IR=100µA
250
300
V
IR
VR=200V
100
-
nA
IR
VR=200V, TA=150°C
100
-
µA
IR
VR=240V
-
100
nA
IR
VR=240V, TA=150°C
-
100
µA
VF
IF=100mA
1.0
1.0
V
VF
IF=200mA
1.25
-
V
CT
VR=0V, f=1.0 MHz
5.0
5.0
pF
trr
IR=IF=30mA, RL=100Ω, Rec. to 3.0mA
50
50
ns
SOT-23 CASE - MECHANICAL OUTLINE
MARKING CODE:
SEE PREVIOUS PAGE
CMPD2003
CMPD2003C
CMPD2003S
CMPD2004
CMPD2004A
CMPD2004C
CMPD2004S
1) Anode
1) Cathode D2
1) Anode D2
1) Anode D2
2) No Connection
2) Cathode D1
2) Anode D1
2) Cathode D1
3) Cathode
3) Anode D1, Anode D2
3) Cathode D1, Cathode D2
3) Anode D1, Cathode D2
2
3
1
D1
D2
2
3
1
D1
D2
2
3
1
D1
D2
2
3
1
LEAD CODE:
LEAD CODE:
LEAD CODE:
LEAD CODE:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com