Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPD2003C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPD2003C
Description  SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD2003C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPD2003C Datasheet HTML 1Page - Central Semiconductor Corp CMPD2003C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPD2003
CMPD2004
CMPD2003C
CMPD2004A
CMPD2003S
CMPD2004C
CMPD2004S
SURFACE MOUNT
HIGH VOLTAGE
SILICON SWITCHING DIODE
SOT-23 CASE
Central
Semiconductor Corp.
TM
R7 (6-August 2003)
DESCRIPTION:
The Central Semiconductor CMPD2003,
CMPD2003C, CMPD2003S, CMPD2004,
CMPD2004A, CMPD2004C and CMPD2004S
types are silicon switching diodes manufactured
by the epitaxial planar process, designed for
applications requiring high voltage
capability.
The following configurations are available:
CMPD2003
SINGLE
MARKING CODE: A82
CMPD2003C
DUAL, COMMON CATHODE
MARKING CODE: C3C
CMPD2003S
DUAL, IN SERIES
MARKING CODE: C3S
CMPD2004
SINGLE
MARKING CODE: D53
CMPD2004A
DUAL, COMMON ANODE
MARKING CODE: DB8
CMPD2004C
DUAL, COMMON CATHODE
MARKING CODE: DB7
CMPD2004S
DUAL, IN SERIES
MARKING CODE: DB6
MAXIMUM RATINGS: (TA=25°C)
CMPD2004
CMPD2003
CMPD2004A
CMPD2003C
CMPD2004C
SYMBOL
CMPD2003S
CMPD2004S
UNITS
Continuous Reverse Voltage
VR
200
240
V
Peak Repetitive Reverse Voltage
VRRM
250
300
V
Peak Repetitive Reverse Current
IO
200
200
mA
Continous Forward Current
IF
250
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Forward Surge Current, tp=1.0 µs
IFSM
4.0
A
Forward Surge Current, tp=1.0 s
IFSM
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W


Similar Part No. - CMPD2003C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2003C CENTRAL-CMPD2003C Datasheet
110Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
CMPD2003C CENTRAL-CMPD2003C Datasheet
590Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2003C CENTRAL-CMPD2003C Datasheet
590Kb / 2P
HIGH VOLTAGE SILICON SWITCHING DIODE
More results

Similar Description - CMPD2003C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDD2004 CENTRAL-CMDD2004_10 Datasheet
367Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMHD2003 CENTRAL-CMHD2003_10 Datasheet
372Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMOD2005 CENTRAL-CMOD2005 Datasheet
344Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2003 CENTRAL-CMPD2003_10 Datasheet
590Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CLL2003 CENTRAL-CLL2003_10 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMDD2004 CENTRAL-CMDD2004_11 Datasheet
367Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMOD2005 CENTRAL-CMOD2005_15 Datasheet
494Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CLL2003 CENTRAL-CLL2003_15 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMDD2004 CENTRAL-CMDD2004_15 Datasheet
367Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMHD2003 CENTRAL-CMHD2003_15 Datasheet
372Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com