Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV341IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV341IDBVT
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV341IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV341IDBVT Datasheet HTML 7Page - Texas Instruments LMV341IDBVT Datasheet HTML 8Page - Texas Instruments LMV341IDBVT Datasheet HTML 9Page - Texas Instruments LMV341IDBVT Datasheet HTML 10Page - Texas Instruments LMV341IDBVT Datasheet HTML 11Page - Texas Instruments LMV341IDBVT Datasheet HTML 12Page - Texas Instruments LMV341IDBVT Datasheet HTML 13Page - Texas Instruments LMV341IDBVT Datasheet HTML 14Page - Texas Instruments LMV341IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
VCC − Supply Voltage − V
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
1.5
2
2.5
3
3.5
4
4.5
5
Rising Edge
Falling Edge
RL = 10 kΩ
AV = 1
VI = 0.8 VPP for V+ < 2.7 V
VI = 2 VPP for V+ > 2.7 V
VCC − Supply Voltage − V
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
−40
−20
0
20
40
60
80
100
120
140
RL = 10 kΩ
AV = 1
VI = 2 VPP
V+ = 2.7 V
Rising Edge
Falling Edge
VCC − Supply Voltage − V
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
−40 −20
0
20
40
60
80
100
120
140
RL = 10 kΩ
AV = 1
VI = 2 VPP
V+ = 5 V
Rising Edge
Falling Edge
0
10
20
30
40
50
60
70
80
90
100
100
1k
10k
100k
1M
f − Frequency − Hz
5 V
VI = V+ /2
RL = 5 kΩ
2.7 V
LMV341,, LMV342,, LMV344
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLOS447G – SEPTEMBER 2004 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
SLEW RATE
SLEW RATE
vs
vs
SUPPLY VOLTAGE
TEMPERATURE
Figure 13.
Figure 14.
SLEW RATE
CMRR
vs
vs
TEMPERATURE
FREQUENCY
Figure 15.
Figure 16.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com