Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS2575 Datasheet(PDF) 1 Page - Filtran LTD

Part # CFS2575
Description  T1 / DS1 Adjustable Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CFS2575 Datasheet(HTML) 1 Page - Filtran LTD

  CFS2575 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CFS 2575 is an adjustable inductor (clock extrac-
tor coil) for MITEL MH89760 device.
The MH89760 has a built in clock extraction cir-
cuit, which creates a 1.544 MHz clock synchro-
nized to the received DS1 signal. The free-running
frequency of the oscillator is controlled by an ex-
ternal tunable inductor. The inductor should be
tuned to provide a frequency of 1.544 MHz
± 200
Hz.
Typical applications are:
•
PBX or computer to T1/CEPT Digital trunks.
•
High speed data link using T1/CEPT Digital
Trunk.
•
TDM Multiplexers.
•
ISDN Voice/Data.
Filtran Limited
229 Colonnade Road, Nepean, Ontario, Canada. K2E 7K3
2-11
Tel : (613) 226 1626 Fax : (613) 226 7124
T1 / DS1
Adjustable Inductor
CFS 2575
Ground pin
0.1 x 0.1 GRID
HOLE PATTERN
0.50 " MAX
0.375" MAX
0.50" MAX
0.020" DIA
0.13" MIN
0.040" DIA
VIEW IN MOUNTING
DIRECTION
1
3
2
1
3
4
Inductance range
µH
42 - 47
DC Resistance
Ohms
7.5
nom.
Distributed Capacitance
pF
3.0
nom.
5.0 max.
ELECTRICAL SPECIFICATIONS
MECHANICAL
CFS2575
CEPT
Output Transformer
Surface Mount
SMD-6 ........................................................
2-11


Similar Part No. - CFS2575

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFS2001 FRONTIER-CFS2001 Datasheet
99Kb / 1P
Common Mode Line Filters
CFS2001 FRONTIER-CFS2001 Datasheet
135Kb / 1P
WIRE WOUND COMMON MODE FILTERS
CFS2001-01 FRONTIER-CFS2001-01 Datasheet
99Kb / 1P
Common Mode Line Filters
CFS2001-01 FRONTIER-CFS2001-01 Datasheet
135Kb / 1P
WIRE WOUND COMMON MODE FILTERS
CFS2001-02 FRONTIER-CFS2001-02 Datasheet
99Kb / 1P
Common Mode Line Filters
More results

Similar Description - CFS2575

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TFS2573 FILTRAN-TFS2573 Datasheet
23Kb / 1P
T1/DS1 Output Transformer
logo
XFMRS Inc.
XF0013D1 XFMRS-XF0013D1 Datasheet
51Kb / 1P
T1 / CEPT / DS1 MAGNETICS
XF00131S1 XFMRS-XF00131S1 Datasheet
57Kb / 1P
T1 / CEPT / DS1 MAGNETICS TRANSFORMERS
XF00131T3 XFMRS-XF00131T3 Datasheet
53Kb / 1P
T1 / CEPT / DS1 MAGNETICS TRANSFORMERS
XF0013T3B XFMRS-XF0013T3B Datasheet
42Kb / 1P
T1/CEPT/DS1 MAGNETICS TRANSFORMERS
1003 XFMRS-1003_15 Datasheet
51Kb / 1P
T1 / CEPT / DS1 MAGNETICS
XF0013T3B XFMRS-XF0013T3B_15 Datasheet
42Kb / 1P
T1 / CEPT / DS1 MAGNETICS TRANSFORMERS
XF00131T3 XFMRS-XF00131T3_15 Datasheet
53Kb / 1P
T1 / CEPT / DS1 MAGNETICS TRANSFORMERS
XF0033AT-2S XFMRS-XF0033AT-2S Datasheet
50Kb / 1P
T1/CEPT/DS1 MAGNETICS TRANSFORMERS
XF00131S4 XFMRS-XF00131S4 Datasheet
49Kb / 1P
T1/CEPT/DS1 MAGNETICS TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com