Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP8NK100Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP8NK100Z
Description  N-CHANNEL 1000V - 1.60OHM - 6.5A - TO-220 - TO-220FP Zener-Protected SuperMESH TM MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NK100Z Datasheet(HTML) 2 Page - STMicroelectronics

  STP8NK100Z Datasheet HTML 1Page - STMicroelectronics STP8NK100Z Datasheet HTML 2Page - STMicroelectronics STP8NK100Z Datasheet HTML 3Page - STMicroelectronics STP8NK100Z Datasheet HTML 4Page - STMicroelectronics STP8NK100Z Datasheet HTML 5Page - STMicroelectronics STP8NK100Z Datasheet HTML 6Page - STMicroelectronics STP8NK100Z Datasheet HTML 7Page - STMicroelectronics STP8NK100Z Datasheet HTML 8Page - STMicroelectronics STP8NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1 Electrical ratings
STF8NK100Z - STP8NK100Z
2/13
1
Electrical ratings
Table 1.
Absolute maximum ratings
Table 2.
Thermal data
Table 3.
Avalanche Characteristics
Symbol
Parameter
Value
Unit
TO-220
TO-220FP
VDS
Drain-source Voltage (VGS=0)
1000
V
VDGR
Drain-gate Voltage
1000
V
VGS
Gate-Source Voltage
± 30
V
ID Note 1
Drain Current (continuous) at TC = 25°C
6.5
6.5
A
ID
Drain Current (continuous) at TC = 100°C
4.3
4.3
A
IDM Note 2
Drain Current (pulsed)
16
16
A
PTOT
Total Dissipation at TC = 25°C
160
40
W
Derating Factor
1.28
0.32
W/°C
VESD(G-S)
Gate source ESD (HBM-C=100pF, R=1.5K
Ω)
4000
V
dv/dt Note 3 Peak Diode Recovery voltage slope
4.5
V/ns
VISO
Insulation Withstand Voltage (DC)
--
2500
V
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
TO-220
TO-220FP
Rthj-case
Thermal Resistance Junction-case Max
0.78
3.1
°C/W
Rthj-a
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
300
°C
Symbol
Parameter
Value
Unit
IAR
Avalanche Current, Repetitive or
Not-Repetitive (pulse width limited by Tj max)
6.5
A
EAS
Single Pulse Avalanche Energy
(starting Tj= 25°C, ID=IAR, VDD=50V)
320
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com