Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDRS1U6 Datasheet(PDF) 2 Page - Kendall Howard

Part # LDRS1U6
Description  LIGHT DUTY RACK SHELVES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KENDALLHOWARD [Kendall Howard]
Direct Link  https://www.kendallhoward.com/
Logo KENDALLHOWARD - Kendall Howard

LDRS1U6 Datasheet(HTML) 2 Page - Kendall Howard

  LDRS1U6 Datasheet HTML 1Page - Kendall Howard LDRS1U6 Datasheet HTML 2Page - Kendall Howard  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Size
1U 6" Light Duty
Rack Shelf
1U 12" Light Duty
Rack Shelf
1U 6" Vented
Light Duty Rack Shelf
1U 12" Vented
Light Duty Rack Shelf
Part Number
LDRS1U6
LDRS1U12
LDRS1U6V
LDRS1U12V
Width
19"
19"
19"
19"
Depth
6"
12"
6"
12"
Height
1.72"
1.72"
1.72"
1.72"
Material(s)
CRS (Cold Rolled Steel)
CRS (Cold Rolled Steel)
CRS (Cold Rolled Steel)
CRS (Cold Rolled Steel)
Finish/Color
Black Powder Coat Finish
Black Powder Coat Finish
Black Powder Coat Finish
Black Powder Coat Finish
UPC
879447001846
879447001693
879447005783
879447001723
Warranty
Limited Lifetime Warranty
Limited Lifetime Warranty
Limited Lifetime Warranty
Limited Lifetime Warranty
Shipping Method
FedEx Ground
FedEx Ground
FedEx Ground
FedEx Ground
VENTED BASE
SOLID BASE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com