Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79M574 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AM79M574
Description  Metering Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM79M574 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AM79M574 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 16Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SLIC Products
13
DC FEED CHARACTERISTICS
a. VA–VB (VAB) Voltage vs. Loop Current (Typical)
Active state
OHT state
5
2
7
1
4
6
3
VBAT = 47.3 V
RDC = 40 kΩ
Notes:
1. Constant-resistance region:
2. Anti-sat–1 turn-on:
3. Anti-sat–2 turn-on:
4. Open Circuit voltage:
(Anti-sat –2)
(Anti-sat –1)
5. Anti-sat –1 region:
6. Anti-sat –2 region:
7. Current limit:
V
AB
50
I
L
R
DC
50
----------
–
=
V
AB
28.48 V
=
V
AB
0.992 V
BAT
13.8
–
=
V
AB
0.44 V
BAT
15.89,
+
=
V
BAT
52.2 V
<
V
AB
38.85 V,
=V
BAT
52.2 V
≥
V
AB
38.85
I
L
R
DC
101.3
-------------
–
=
V
AB
0.44 V
BAT
15.89
I
L
R
DC
173.9
-------------
–
+
=
I
L
1992
R
DC
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com