Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU4506AF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU4506AF
Description  Silicon Diffused Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4506AF Datasheet(HTML) 3 Page - NXP Semiconductors

  BU4506AF Datasheet HTML 1Page - NXP Semiconductors BU4506AF Datasheet HTML 2Page - NXP Semiconductors BU4506AF Datasheet HTML 3Page - NXP Semiconductors BU4506AF Datasheet HTML 4Page - NXP Semiconductors BU4506AF Datasheet HTML 5Page - NXP Semiconductors BU4506AF Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4506AF
Fig.3. Switching times waveforms (16 kHz).
Fig.4. Switching times definitions.
Fig.5. Switching times test circuit.
Fig.6. High and low DC current gain.
Fig.7. High and low DC current gain.
Fig.8. Typical collector-emitter saturation voltage.
IC
IB
VCE
ICsat
IB1
64us
26us
20us
t
t
t
TRANSISTOR
DIODE
IB2
0.01
0.1
1
10
1
10
100
hFE
IC / A
VCE = 1 V
Ths = 25 C
Ths = 85 C
ICsat
90 %
10 %
tf
ts
IB1
IC
IB
t
t
- IB2
0.01
0.1
1
10
1
10
100
VCE = 5 V
hFE
IC / A
Ths = 25 C
Ths = 85 C
+ 150 v nominal
adjust for ICsat
Lc
Cfb
T.U.T.
LB
IBend
-VBB
0.1
1
10
0
0.2
0.4
0.6
0.8
1
IC / A
VCESAT / V
Ths = 25 C
Ths = 85 C
July 1999
3
Rev 1.000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com