Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF2HDMI2S Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PCMF2HDMI2S
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF2HDMI2S Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PCMF2HDMI2S Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCMF2HDMI2S Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMF2HDMI2S Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF2HDMI2S Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF2HDMI2S Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF2HDMI2S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF2HDMI2S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF2HDMI2S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF2HDMI2S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
Product profile
1.1 General description
Common-mode ElectroMagnetic Interference (EMI) filters with integrated ElectroStatic
Discharge (ESD) protection for one, two and three differential channels. The devices are
designed to provide low insertion loss for differential high-speed signals on each channel
while unwanted common-mode signals are attenuated.
Each differential channel incorporates two signal lines that are coupled by integrated coils.
Diodes provide protection to downstream components from ESD voltages up to
15 kV on
each signal line.
1.2 Features and benefits
 One, two and three differential channels common-mode EMI filters with integrated
ESD protection
 ESD protection up to
15 kV contact discharge according to IEC 61000-4-2
 Superior common-mode suppression over a wide frequency range
 Superior RF performance compared to other integrated filters or discrete filters with
external ESD protection
 Extremely high symmetry between line pairs
 Industry-standard Wafer Level Chip Scale Packages: WLCSP5, 10 and 15 for smaller
footprint
1.3 Applications
 Smartphone, cellular and cordless phone
 Tablet PC and Mobile Internet Device (MID)
 HDMI 2.0, HDMI 1.4
 MIPI M-PHY and D-PHY as used in Camera Serial Interface (CSI) and Display Serial
Interface (DSI)
 General-purpose EMI and Radio-Frequency Interference (RFI) filter and downstream
ESD protection
PCMFXHDMI2S series
Common-mode EMI filter for differential channels with
integrated ESD protection
Rev. 2 — 19 April 2016
Product data sheet
Table 1.
Product overview
Type number
Number of channels
Package Name
PCMF1HDMI2S
1
WLCSP5
PCMF2HDMI2S
2
WLCSP10
PCMF3HDMI2S
3
WLCSP15


Similar Part No. - PCMF2HDMI2S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCMF2HDMI2S NXP-PCMF2HDMI2S Datasheet
1Mb / 20P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-19 April 2016
logo
Nexperia B.V. All right...
PCMF2HDMI2S NEXPERIA-PCMF2HDMI2S Datasheet
2Mb / 20P
Common-mode EMI filter for differential channels with integrated ESD protection
logo
NXP Semiconductors
PCMF2HDMI2SZ NXP-PCMF2HDMI2SZ Datasheet
1Mb / 20P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-19 April 2016
More results

Similar Description - PCMF2HDMI2S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCMF1HDMI2SZ NXP-PCMF1HDMI2SZ Datasheet
1Mb / 20P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-19 April 2016
PCMF1USB3SZ NXP-PCMF1USB3SZ Datasheet
1Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-7 March 2016
PCMF2HDMI2SZ NXP-PCMF2HDMI2SZ Datasheet
1Mb / 20P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-19 April 2016
PCMF3HDMI2SZ NXP-PCMF3HDMI2SZ Datasheet
1Mb / 20P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-19 April 2016
PCMF3USB3SZ NXP-PCMF3USB3SZ Datasheet
1Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-7 March 2016
logo
Nexperia B.V. All right...
PCMFXUSB3S NEXPERIA-PCMFXUSB3S Datasheet
9Mb / 22P
Common-mode EMI filter for differential channels with integrated ESD protection
PCMF2DFN1 NEXPERIA-PCMF2DFN1 Datasheet
1Mb / 15P
Common-mode EMI filter for differential channels with integrated ESD protection
PCMFXHDMI14S_SER NEXPERIA-PCMFXHDMI14S_SER Datasheet
2Mb / 17P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 15 September 2016
PCMFXUSB30_SER NEXPERIA-PCMFXUSB30_SER Datasheet
2Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 01 April 2016
PCMFXUSB3S_SER NEXPERIA-PCMFXUSB3S_SER Datasheet
9Mb / 22P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 3 - 7 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com