Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMFXUSB3BA_SER Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PCMFXUSB3BA_SER
Description  Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMFXUSB3BA_SER Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PCMFXUSB3BA_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCMFXUSB3BA_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMFXUSB3BA_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMFXUSB3BA_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMFXUSB3BA_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMFXUSB3BA_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMFXUSB3BA_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMFXUSB3BA_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMFXUSB3BA_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Nexperia
PCMFxUSB3BA/C series
Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
5. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
PCMF1USB3BA/C WLCSP5
wafer level chip-size package; 5 bumps (2-1-2)
PCMF2USB3BA/C WLCSP10
wafer level chip-size package; 10 bumps (4-2-4)
PCMF3USB3BA/C WLCSP15
wafer level chip-size package; 15 bumps (6-3-6)
6. Marking
Table 4. Marking codes
Type number
Marking code
PCMF1USB3BA/C
PF1A
PCMF2USB3BA/C
PF2A
PCMF3USB3BA/C
PF3A
7. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
-4
4
V
IEC 61000-4-2, level 4;all
input pins to ground
• contact discharge
-15
15
kV
• air discharge
-15
15
kV
IEC 61000-4-2, level 4;all
output pins to ground
• contact discharge
-2
2
kV
VESD
electrostatic discharge
voltage
• air discharge
-2
2
kV
IPPM
rated peak-pulse
current
tp = 8/20 μs
-7.5
7.5
A
Tstg
storage temperature
-40
+125
°C
Tamb
ambient temperature
-40
+125
°C
PCMFXUSB3BA_C_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 4 — 12 May 2020
3 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com