Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF1USB3BA/C Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PCMF1USB3BA/C
Description  Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF1USB3BA/C Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PCMF1USB3BA/C Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCMF1USB3BA/C Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMF1USB3BA/C Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF1USB3BA/C Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF1USB3BA/C Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF1USB3BA/C Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF1USB3BA/C Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF1USB3BA/C Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF1USB3BA/C Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PCMFxUSB3BA/C series
Common-mode EMI filter for differential channels with
integrated bidirectional ESD protection
Rev. 4 — 12 May 2020
Product data sheet
1. General description
Common-mode ElectroMagnetic Interference (EMI) filters with integrated bidirectional ElectroStatic
Discharge (ESD) protection for one, two and three differential channels. The devices are designed
to provide low insertion loss for differential high-speed signals on each channel while unwanted
common-mode signals are attenuated.
Each differential channel incorporates two signal lines that are coupled by integrated coils. Diodes
provide protection to downstream components from ESD voltages up to ±15 kV on each signal line.
Table 1. Product overview
Type number
Number of channels Package Name
PCMF1USB3BA/C
1
WLCSP5
PCMF2USB3BA/C
2
WLCSP10
PCMF3USB3BA/C
3
WLCSP15
2. Features and benefits
• One, two and three differential channels common-mode EMI filters with integrated ESD
protection
• ESD protection up to ±15 kV contact discharge according to IEC 61000-4-2
• Superior common-mode suppression over a wide frequency range
• Superior RF performance compared to other integrated filters or discrete filters with external
ESD protection
• Extremely high symmetry between line pairs
• Industry-standard Wafer-Level Chip-Scale Packages: WLCSP5, 10 and 15 for smaller footprint
3. Applications
• Smartphone, cellular and cordless phone
• USB3.2, USB2.0, HDMI2.1, HDMI2.0, HDMI1.4
• General-purpose downstream ESD protection for differential data lines
• Tablet PC and Mobile Internet Device (MID)
• MIPI M-PHY and D-PHY as used in Camera Serial Interface (CSI) and Display Serial Interface
(DSI)


Similar Part No. - PCMF1USB3BA/C

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PCMF1USB3B/C NEXPERIA-PCMF1USB3B/C Datasheet
2Mb / 20P
Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
Rev. 2 - 29 January 2019
More results

Similar Description - PCMF1USB3BA/C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCMF1HDMI2SZ NXP-PCMF1HDMI2SZ Datasheet
1Mb / 20P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-19 April 2016
PCMF1USB3SZ NXP-PCMF1USB3SZ Datasheet
1Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-7 March 2016
PCMF3USB3SZ NXP-PCMF3USB3SZ Datasheet
1Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-7 March 2016
logo
Nexperia B.V. All right...
PCMFXUSB3S NEXPERIA-PCMFXUSB3S Datasheet
9Mb / 22P
Common-mode EMI filter for differential channels with integrated ESD protection
PCMF2DFN1 NEXPERIA-PCMF2DFN1 Datasheet
1Mb / 15P
Common-mode EMI filter for differential channels with integrated ESD protection
PCMFXHDMI14S_SER NEXPERIA-PCMFXHDMI14S_SER Datasheet
2Mb / 17P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 15 September 2016
PCMFXHDMI2BA-C NEXPERIA-PCMFXHDMI2BA-C Datasheet
4Mb / 17P
Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
Rev. 3 - 20 May 2020
PCMFXUSB30_SER NEXPERIA-PCMFXUSB30_SER Datasheet
2Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 01 April 2016
PCMFXUSB3B_SER NEXPERIA-PCMFXUSB3B_SER Datasheet
2Mb / 20P
Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
Rev. 2 - 29 January 2019
PCMFXUSB3S_SER NEXPERIA-PCMFXUSB3S_SER Datasheet
9Mb / 22P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 3 - 7 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com