Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF3USB3BA/C Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PCMF3USB3BA/C
Description  Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF3USB3BA/C Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PCMF3USB3BA/C Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCMF3USB3BA/C Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMF3USB3BA/C Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF3USB3BA/C Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF3USB3BA/C Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF3USB3BA/C Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF3USB3BA/C Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF3USB3BA/C Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF3USB3BA/C Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Nexperia
PCMFxUSB3BA/C series
Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
8. Characteristics
8.1. Channel characteristics
Table 6. Channel characteristics
Tamb = 25 °C unless otherwise specified.
Symbol parameter
Conditions
Min
Typ
Max
Unit
RS(ch)
channel
series
resistance
single line; input
to output
-
2.2
-
Ω
Cd
diode
capacitance
f = 1 MHz;
VI = 2.5 V
[1] -
0.3
-
pF
IRM
reverse
leakage
current
per line;
VI = 4 V
-
1
100
nA
VBR
breakdown
voltage
IR = 1 mA
6
9
-
V
TLP; positive
transient
[2] -
0.29
-
Ω
Rdyn
dynamic
resistance
TLP; negative
transient
[2] -
0.29
-
Ω
[1] This parameter is guaranteed by design
[2] 100 ns Transmission Line Pulse (TLP); 50 Ω; pulser at 70 ns to 90 ns.
8.2. Frequency characteristics
Table 7. Frequency characteristics
Tamb = 25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
Differential mode: Sdd21
f-3dB
cut-off frequency
[1] -
10
-
GHz
[1] Normalized to attenuation at 1 MHz.
PCMFXUSB3BA_C_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 4 — 12 May 2020
4 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com