Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMFXUSB3B_SER Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PCMFXUSB3B_SER
Description  Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMFXUSB3B_SER Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PCMFXUSB3B_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCMFXUSB3B_SER Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCMFXUSB3B_SER Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCMFXUSB3B_SER Datasheet HTML 12Page - Nexperia B.V. All rights reserved PCMFXUSB3B_SER Datasheet HTML 13Page - Nexperia B.V. All rights reserved PCMFXUSB3B_SER Datasheet HTML 14Page - Nexperia B.V. All rights reserved PCMFXUSB3B_SER Datasheet HTML 15Page - Nexperia B.V. All rights reserved PCMFXUSB3B_SER Datasheet HTML 16Page - Nexperia B.V. All rights reserved PCMFXUSB3B_SER Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Nexperia
PCMFxUSB3B/C series
Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
10. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCMF1USB3B/C
pcmf1usb3b-c_po
Unit
mm
max
nom
min
0.64 0.42
0.82 1.22
A
Dimensions (mm are the original dimensions)
WLCSP5: wafer level chip-size package; 5 bumps (2-1-2)
PCMF1USB3B/C
A1
b
0.31
D
E
e
e1
e2
0.80
0.61 0.41
0.77 1.17 0.40 0.40
0.26
0.58 0.40
0.72 1.12
0.21
0
1 mm
scale
detail X
A
A1
X
A
B
C
E
D
2
1
e2
e1
e
b
1/2 e
B1
bump A1
index area
bump A1
index area
18-03-23
Fig. 20. Package outline WLCSP5
PCMFxUSB3B/C_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 2 — 29 January 2019
13 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com