Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF1USB3B/C Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PCMF1USB3B/C
Description  Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF1USB3B/C Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PCMF1USB3B/C Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCMF1USB3B/C Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMF1USB3B/C Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF1USB3B/C Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF1USB3B/C Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF1USB3B/C Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF1USB3B/C Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF1USB3B/C Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF1USB3B/C Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Nexperia
PCMFxUSB3B/C series
Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
aaa-028346
-3
-2
-4
-1
0
Sdd21
(dB)
-5
f (Hz)
107
1011
1010
108
109
Fig. 1. Differential mode insertion loss; typical values
f (Hz)
108
1010
109
aaa-028347
-20
-30
-10
0
Scc21
(dB)
-40
Fig. 2. Common-mode insertion loss; typical values
f (Hz)
108
1010
109
aaa-028363
-20
-30
-10
0
Sdd21
(dB)
-40
CH1 to CH2
Fig. 3. Differential crosstalk; typical values
t (ns)
43.9
44.7
44.5
44.1
44.3
aaa-028348
95
105
115
Zdif
(Ω)
85
Z reference
Z DUT
tr = 200 ps
Fig. 4. Differential Time Domain Reflectometer (TDR)
plot; typical values
PCMFxUSB3B/C_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 2 — 29 January 2019
5 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com