Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMFXUSB3S_SER Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PCMFXUSB3S_SER
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMFXUSB3S_SER Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PCMFXUSB3S_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMFXUSB3S_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMFXUSB3S_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMFXUSB3S_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCMFXUSB3S_SER Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCMFXUSB3S_SER Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCMFXUSB3S_SER Datasheet HTML 12Page - Nexperia B.V. All rights reserved PCMFXUSB3S_SER Datasheet HTML 13Page - Nexperia B.V. All rights reserved PCMFXUSB3S_SER Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Nexperia
PCMFxUSB3S series
Common-mode EMI filter for differential channels with integrated ESD protection
Vertical scale: 145 mV/div
Horizontal scale: 15.6 ns/div
Fig. 13. MIPI M-PHY PWM-TX transmitter eye opening at 140 mV, test board with PCMF2USB3S; typical value
Vertical scale: 146 mV/div
Horizontal scale: 15.6 ns/div
Fig. 14. MIPI M-PHY PWM-TX transmitter eye opening at 140 mV, test board without device; typical value
PCMFXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 7 March 2019
10 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com