Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF1USB3S Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PCMF1USB3S
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF1USB3S Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PCMF1USB3S Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCMF1USB3S Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMF1USB3S Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF1USB3S Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF1USB3S Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF1USB3S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF1USB3S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF1USB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF1USB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Nexperia
PCMFxUSB3S series
Common-mode EMI filter for differential channels with integrated ESD protection
8. Characteristics
8.1. Channel characteristics
Table 6. Channel characteristics
Tamb = 25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
Rs(ch)
channel series resistance single line; input to output
-
3
-
Ω
Cd
diode capacitance
f = 1 MHz; VI = 2.5 V
[1] -
0.25
-
pF
IRM
reverse leakage current
per line;
VI = 5 V
-
-
100
nA
VBR
breakdown voltage
IR = 1 mA
6
9
-
V
VF
forward voltage
IF = 10 mA
-
0.8
-
V
TLP; positive transient
[2] -
0.14
-
Ω
TLP; negative transient
[2] -
0.14
-
Ω
surge; positive transient
[3] -
0.22
-
Ω
Rdyn
dynamic resistance
surge; negative transient [3] -
0.22
-
Ω
[1] This parameter is guaranteed by design.
[2] 100 ns Transmission Line Pulse (TLP); 50 Ω; pulser at 70 ns to 90 ns.
[3] According to IEC 61000-4-5 (8/20 µs).
8.2. Frequency characteristics
Table 7. Frequency characteristics
Tamb = 25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
Common mode: S21cc
f = 800 MHz
[1] -
-12
-
dB
f = 2.6 GHz
[1] -
-38
-
dB
αil
insertion loss
f = 5 GHz
[1] -
-18
-
dB
Differential mode: S21dd
αil
insertion loss
f = 1 MHz
[1] -
0.3
-
dB
f-3dB
cut-off frequency
[1] -
6
-
GHz
[1] Normalized to attenuation at 1 MHz.
PCMFXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 7 March 2019
4 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com