Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7308FPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308FPWR
Description  TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7308FPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7308FPWR Datasheet HTML 17Page - Texas Instruments TMUX7308FPWR Datasheet HTML 18Page - Texas Instruments TMUX7308FPWR Datasheet HTML 19Page - Texas Instruments TMUX7308FPWR Datasheet HTML 20Page - Texas Instruments TMUX7308FPWR Datasheet HTML 21Page - Texas Instruments TMUX7308FPWR Datasheet HTML 22Page - Texas Instruments TMUX7308FPWR Datasheet HTML 23Page - Texas Instruments TMUX7308FPWR Datasheet HTML 24Page - Texas Instruments TMUX7308FPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
VDD = 12 V, VSS = 0 V
Figure 7-13. Leakage Current vs Temperature
Temperature (
C)
0
25
50
75
100
125
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
IDOFF VS = -10 V, VD = 10 V
IDOFF VS = 10 V, VD = -10 V
IDON VS = -10 V, VD = -10 V
IDON VS = 10 V, VD = 10 V
ISOFF VS = -10 V, VD = 10 V
ISOFF VS = 10 V, VD = -10 V
VDD = 15 V, VSS = -15 V
Figure 7-14. Leakage Current vs Temperature
Temperature (
C)
0
25
50
75
100
125
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
IDOFF VS = 1 V, VD = 30 V
IDOFF VS = 30 V, VD = 1 V
IDON VS = 1 V, VD = 1 V
IDON VS = 30 V, VD = 30 V
ISOFF VS = 1 V, VD = 30 V
ISOFF VS = 30 V, VD = 1 V
VDD = 36 V, VSS = 0 V
Figure 7-15. Leakage Current vs Temperature
Temperature (
C)
0
25
50
75
100
125
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
IDOFF VS = -15 V, VD = 15 V
IDOFF VS = 15 V, VD = -15 V
IDON VS = -15 V, VD = -15 V
IDON VS = 15 V, VD = 15 V
ISOFF VS = -15 V, VD = 15 V
ISOFF VS = 15 V, VD = -15 V
VDD = 20 V, VSS = -20 V
Figure 7-16. Leakage Current vs Temperature
Temperature (
C)
0
25
50
75
100
125
0.0005
0.01
0.1
1
10
100
200
IDOFF VS = 1 V, VD = 30 V
IDOFF VS = 30 V, VD = 1 V
IDON VS = 1 V, VD = 1 V
IDON VS = 30 V, VD = 30 V
ISOFF VS = 1 V, VD = 30 V
ISOFF VS = 30 V, VD = 1 V
VDD = 36 V, VSS = 0 V
Figure 7-17. Leakage Current vs Temperature
Temperature (
C)
0
25
50
75
100
125
0.0005
0.01
0.1
1
10
100
200
IDOFF VS = -15 V, VD = 15 V
IDOFF VS = 15 V, VD = -15 V
IDON VS = -15 V, VD = -15 V
IDON VS = 15 V, VD = 15 V
ISOFF VS = -15 V, VD = 15 V
ISOFF VS = 15 V, VD = -15 V
VDD = 20 V, VSS = -20 V
Figure 7-18. Leakage Current vs Temperature
www.ti.com
TMUX7308F, TMUX7309F
SCDS403C – FEBRUARY 2021 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com