Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF3USB3S Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PCMF3USB3S
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF3USB3S Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PCMF3USB3S Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCMF3USB3S Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMF3USB3S Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF3USB3S Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF3USB3S Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF3USB3S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF3USB3S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF3USB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF3USB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Nexperia
PCMFxUSB3S series
Common-mode EMI filter for differential channels with integrated ESD protection
5. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
PCMF1USB3S
WLCSP5
wafer level chip-size package; 5 bumps (2-1-2)
PCMF2USB3S
WLCSP10
wafer level chip-size package; 10 bumps (4-2-4)
PCMF3USB3S
WLCSP15
wafer level chip-size package; 15 bumps (6-3-6)
6. Marking
Table 4. Marking codes
Type number
Marking code
PCMF1USB3S
PF1S
PCMF2USB3S
PF2S
PCMF3USB3S
PF3S
7. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
-0.5
5
V
IEC 61000-4-2, level 4; all input pins to ground
contact discharge
-15
15
kV
air discharge
-15
15
kV
IEC 61000-4-2, level 4; all output pins to ground
contact discharge
-2
2
kV
VESD
electrostatic discharge voltage
air discharge
-2
2
kV
IPPM
rated peak-pulse current
tp = 8/20 μs
-7
7
A
Tstg
storage temperature
-40
125
°C
Tamb
ambient temperature
-40
125
°C
PCMFXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 7 March 2019
3 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com