Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1LIN Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PESD1LIN
Description  LIN-bus ESD protection diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD1LIN Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PESD1LIN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD1LIN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
PESD1LIN in a very small SOD323 (SC-76) Surface-Mounted Device (SMD) plastic
package designed to protect one automotive Local Interconnect Network (LIN) bus line
from the damage caused by ElectroStatic Discharge (ESD) and other transients.
1.2 Features and benefits
 ESD protection of one automotive LIN-bus line
 Asymmetrical diode configuration ensures an optimized protection against
ElectroMagnetic Interferences (EMI) of a LIN Electronic Control Unit (ECU)
 Max. peak pulse power: PPP =160 W at tp =8/20 s
 Low clamping voltage: VCL =40V at IPP =1A
 Ultra low leakage current: IRM <1nA
 ESD protection of up to 23 kV
 IEC 61000-4-2, level 4 (ESD)
 IEC 61000-4-5 (surge); IPP =3A at tp =8/20 s
 AEC-Q101 qualified
1.3 Applications
 LIN-bus protection
 Automotive applications
1.4 Quick reference data
PESD1LIN
LIN-bus ESD protection diode
Rev. 3 — 31 May 2011
Product data sheet
Table 1.
Quick reference data
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
PESD1LIN (15 V)
-
-
15
V
PESD1LIN (24 V)
-
-
24
V
Cd
diode capacitance
VR =0V;
f=1MHz
-13
17
pF


Similar Part No. - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN PHILIPS-PESD1LIN Datasheet
86Kb / 12P
LIN bus ESD protection diode in SOD323
Rev. 01-26 October 2004
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
LIN bus ESD protection diode
Rev. 02-12 November 2008
PESD1LIN NXP-PESD1LIN Datasheet
205Kb / 12P
LIN-bus ESD protection diode ESD protection of one automotive LIN-bus line
Rev. 3-31 May 2011
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Rectron Semiconductor
PESD1LIN RECTRON-PESD1LIN Datasheet
320Kb / 9P
ESD protection diode
More results

Similar Description - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN PHILIPS-PESD1LIN Datasheet
86Kb / 12P
LIN bus ESD protection diode in SOD323
Rev. 01-26 October 2004
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
LIN bus ESD protection diode
Rev. 02-12 November 2008
PESD1LIN NXP-PESD1LIN_11 Datasheet
205Kb / 12P
LIN-bus ESD protection diode ESD protection of one automotive LIN-bus line
Rev. 3-31 May 2011
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
CAN bus ESD protection diode
Rev. 2-27 September 2012
PESD1LIN-115 PHILIPS-PESD1LIN-115 Datasheet
205Kb / 12P
ESD protection of one automotive LIN-bus line
Rev. 3-31 May 2011
logo
Diodes Incorporated
DESD1FLEX2SOQ DIODES-DESD1FLEX2SOQ Datasheet
375Kb / 5P
FLEXRAY BUS ESD PROTECTION DIODE
Rev 1
logo
TECH PUBLIC Electronics...
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
ESDLIN1524BJ TECHPUBLIC-ESDLIN1524BJ Datasheet
1Mb / 4P
LIN-bus ESD protection diode
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
Can bus Esd Protection Diode
logo
UN Semiconducctor INC
UESD1LIN UNSEMI-UESD1LIN Datasheet
914Kb / 4P
LIN- bus ESD Protection Diode
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com