Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7348FPWR Datasheet(PDF) 29 Page - Texas Instruments

Part # TMUX7348FPWR
Description  TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7348FPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMUX7348FPWR Datasheet HTML 25Page - Texas Instruments TMUX7348FPWR Datasheet HTML 26Page - Texas Instruments TMUX7348FPWR Datasheet HTML 27Page - Texas Instruments TMUX7348FPWR Datasheet HTML 28Page - Texas Instruments TMUX7348FPWR Datasheet HTML 29Page - Texas Instruments TMUX7348FPWR Datasheet HTML 30Page - Texas Instruments TMUX7348FPWR Datasheet HTML 31Page - Texas Instruments TMUX7348FPWR Datasheet HTML 32Page - Texas Instruments TMUX7348FPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
8.3 On-Leakage Current
Source on-leakage current (IS(ON)) and drain on-leakage current (ID(ON)) denote the channel leakage currents
when the switch is in the on state. IS(ON) is measured with the drain floating, while ID(ON) is measured with the
source floating. Figure 8-3 shows the circuit used for measuring the on-leakage currents.
SW
S1
S2
D
VDD VSS
SW
S8
VFP VFN
GND
GND
VS
IS(ON)
IS(ON)
A
GND
VS
N.C.
SW
SW
S1
S2
D
VDD VSS
SW
S8
VFP VFN
GND
GND
ID(ON)
VD
SW
ID(ON)
A
GND
N.C.
VS
Figure 8-3. On-Leakage Measurement Setup
8.4 Input and Output Leakage Current Under Overvoltage Fault
If the voltage for any of the source pins rises above the fault supplies (VFP or VFN), the overvoltage protection
feature of the TMUX7348F and TMUX7349F is triggered to turn off the switch under fault, keeping the
fault channel in high-impedance state. IS(FA) and ID(FA) denotes the input and output leakage current under
overvoltage fault conditions, respectively. For ID(FA), the device is disabled to measure leakage current on the
drain pin without being impacted by the 40 kΩ impedance to the fault supply. When the overvoltage fault occurs,
the supply (or supplies) can either be in normal operating condition (Figure 8-4) or abnormal operating condition
(Figure 8-5). During abnormal operating condition, the supply (or supplies) can either be unpowered (VDD=
VSS = VFN = VFP = 0 V) or floating (VDD= VSS = VFN = VFP = no connection), and remains within the leakage
performance specifications.
IS (FA)
SW
SW
S1
S2
D
SW
S8
GND
A
GND
GND
VD
VS
ID (FA)
A
N.C.
N.C.
IS(FA) / ID(FA)
( |VS| > |VFP + VT| or |VFN - VT| )
VDD
VSS
VFP
VFN
Figure 8-4. Measurement Setup for Input and Output Leakage Current under Overvoltage Fault with
Normal Supplies
www.ti.com
TMUX7348F, TMUX7349F
SCDS400B – MARCH 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMUX7348F TMUX7349F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com