Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPS-5952-100PM Datasheet(PDF) 1 Page - CUI Devices

Part # CPS-5952-100PM
Description  SIREN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CPS-5952-100PM Datasheet(HTML) 1 Page - CUI Devices

  CPS-5952-100PM Datasheet HTML 1Page - CUI Devices CPS-5952-100PM Datasheet HTML 2Page - CUI Devices CPS-5952-100PM Datasheet HTML 3Page - CUI Devices CPS-5952-100PM Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2022
page 1 of 4
MODEL: CPS-5952-100PM | DESCRIPTION: SIREN
cuidevices.com
FEATURES
• warble tone
• internally driven
• mounting bracket
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
with reverse polarity protection
24
Vdc
operating voltage
with reverse polarity protection
12
25
Vdc
current consumption
at rated voltage
50
100
mA
rated frequency
1,800
3,500
Hz
sound pressure level
at 1 m, rated voltage
95
100
105
dB
tone
warble
dimensions
45 x 40 x 59
mm
weight
53.5
g
material
ABS (UL94HB)
terminal
wire leads
operating temperature
-20
70
°C
storage temperature
-30
80
°C
washable
no
RoHS
yes
Notes:
1. All specifications measured at 25±3°C, humidity at 60~70%, under 86~106 kPa pressure, unless otherwise noted.
Additional Resources: Product Page


Similar Part No. - CPS-5952-100PM

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPS-5952-100PM CUI-CPS-5952-100PM Datasheet
320Kb / 4P
SIREN
01/20/2020
More results

Similar Description - CPS-5952-100PM

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AW-10CSR PUI-AW-10CSR Datasheet
69Kb / 1P
SIREN
AW-10FW PUI-AW-10FW Datasheet
191Kb / 1P
Siren
AW-15SBR-120 PUI-AW-15SBR-120 Datasheet
97Kb / 1P
Siren
VW-05MR-RL PUI-VW-05MR-RL Datasheet
83Kb / 1P
SIREN
logo
List of Unclassifed Man...
SSX-52 ETC2-SSX-52 Datasheet
341Kb / 2P
DURABLE SIREN/SIREN STROBE
logo
CUI INC
CPS-4242-100T CUI-CPS-4242-100T Datasheet
1Mb / 4P
SIREN
01/22/2020
CPS-8542-110PM CUI-CPS-8542-110PM Datasheet
281Kb / 4P
SIREN
01/22/2020
CPS-5248-105PM CUI-CPS-5248-105PM Datasheet
295Kb / 4P
SIREN
01/22/2020
logo
CUI Devices
CPS-105110-108SPM CUID-CPS-105110-108SPM Datasheet
284Kb / 4P
SIREN
08/05/2022
CPS-5952-105PM CUID-CPS-5952-105PM Datasheet
297Kb / 4P
SIREN
08/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com