Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7349FPWR Datasheet(PDF) 22 Page - Texas Instruments

Part # TMUX7349FPWR
Description  TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7349FPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX7349FPWR Datasheet HTML 18Page - Texas Instruments TMUX7349FPWR Datasheet HTML 19Page - Texas Instruments TMUX7349FPWR Datasheet HTML 20Page - Texas Instruments TMUX7349FPWR Datasheet HTML 21Page - Texas Instruments TMUX7349FPWR Datasheet HTML 22Page - Texas Instruments TMUX7349FPWR Datasheet HTML 23Page - Texas Instruments TMUX7349FPWR Datasheet HTML 24Page - Texas Instruments TMUX7349FPWR Datasheet HTML 25Page - Texas Instruments TMUX7349FPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
VS or V D - Source or Drain Voltage (V)
0
2
4
6
8
10
12
13.2
60
120
180
240
300
360
420
480
VDD = 8 V, V SS = 0 V
VDD = 8.8 V, V SS = 0 V
VDD = 10.8 V, V SS = 0 V
VDD = 12 V, V SS = 0 V
VDD = 13.2 V, V SS = 0 V
Single Supply Flat RON Region
Figure 7-7. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
1
2
3
4
5
6
7
8
9
100
150
200
250
300
350
TA = -40C
TA = 25C
TA = 85C
TA = 125C
12 V Supply Flattest RON Region
Figure 7-8. On-Resistance vs Source or Drain Voltage
Single Supply Voltages
Figure 7-9. On-Resistance vs Source or Drain Voltage
Single Supply Flat RON Region
Figure 7-10. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
1
5
9
13
17
21
25
29
33
100
150
200
250
300
350
TA = -40C
TA = 25C
TA = 85C
TA = 125C
36 V Supply Flattest RON Region
Figure 7-11. On-Resistance vs Source or Drain Voltage
44 V Supply Flattest RON Region
Figure 7-12. On-Resistance vs Source or Drain Voltage
TMUX7348F, TMUX7349F
SCDS400B – MARCH 2022 – REVISED JULY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX7348F TMUX7349F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com