Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81504D Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GMS81504D
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMS81504D Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GMS81504D Datasheet HTML 9Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 10Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 11Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 12Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 13Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 14Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 15Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 16Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
AC Characteristics
(VDD = 2.7~5.5V, VSS = 0V, TA = -20 ~ 80
°C)
Parameter
Pin
Symbol
Specifications
Unit
Min.
Typ.
Max.
Main clock frequency
XIN
fXIN
1
-
8
MHz
Oscillation stabilization Time
XIN, XOUT
tST
20
-
-
ms
External Clock Pulse Width
XIN
tCPW
80
-
-
ns
External Clock Transition Time
XIN
tRCP, tFCP
-
-
20
ns
Interrupt Pulse Width
INT0, INT1
tIW
2
-
-
tSYS
RESET Input Low Width
RESET
tRST
8
-
-
tSYS
Event Counter Input Pulse
Width
EC0
tECW
2
-
-
tSYS
Event Counter Transition Time
EC0
tREC, tFEC
-
-
20
ns
XIN
1 / fOSC
tRCP
tFCP
tCPW
tCPW
0.1VDD
0.9VDD
tIW
0.8VDD
0.2VDD
tIW
INT0, INT1
RESET
tRST
0.2VDD
EC0
tREC
tFEC
tECW
tECW
0.8VDD
0.2VDD
Timing Chart
HYUNDAI MicroElectronics
GMS81504
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com