Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC175 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC175
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC175 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC175 Datasheet HTML 1Page - Silicon Supplies 74HC175 Datasheet HTML 2Page - Silicon Supplies 74HC175 Datasheet HTML 3Page - Silicon Supplies 74HC175 Datasheet HTML 4Page - Silicon Supplies 74HC175 Datasheet HTML 5Page - Silicon Supplies 74HC175 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
d
High Speed CMOS Logic – 74HC175
Rev 1.0
21/11/17
Pad Layout and Functions
Logic Diagram
Truth Table
2000µm (78.74 mils)
0,0
12
11
13
14
15
16
2
3
4
5
6
7
8
9
10
DIE ID
1
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
RESET
0.122
0.554
2
Q0
0.122
0.251
3
Q0
0.480
0.122
4
D0
0.780
0.122
5
D1
1.070
0.122
6
Q1
1.370
0.122
7
Q1
1.771
0.251
8
GND
1.771
0.554
9
CLOCK
1.771
0.781
10
Q2
1.771
1.084
11
Q2
1.373
1.222
12
D2
1.073
1.222
13
D3
0.783
1.222
14
Q3
0.483
1.222
15
Q3
0.122
1.084
16
VCC
0.122
0.781
CONNECT CHIP BACK TO VCC OR FLOAT
Page 2 of 6
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com