Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P0076CU Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD75P0076CU
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P0076CU Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD75P0076CU Datasheet HTML 35Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 36Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 37Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 38Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 39Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 40Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 41Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 42Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
µPD75P0076
37
Data Sheet U10232EJ1V1DS
DC CHARACTERISTICS (TA = –40 to +85˚C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Test conditions
MIN.
TYP.
MAX.
Unit
Output current low
IOL
Per pin
15
mA
Total of all pins
150
mA
Input voltage high
VIH1
Ports 2, 3, and 11
2.7
≤ VDD ≤ 5.5 V
0.7VDD
VDD
V
1.8
≤ VDD < 2.7 V 0.9VDD
VDD
V
VIH2
Ports 0, 1, 6, RESET
2.7
≤ VDD ≤ 5.5 V
0.8VDD
VDD
V
1.8
≤ VDD < 2.7 V 0.9VDD
VDD
V
VIH3
Ports 4, 5
2.7
≤ VDD ≤ 5.5 V
0.7VDD
13
V
(N-ch open-drain)
1.8
≤ VDD < 2.7 V 0.9VDD
13
V
VIH4
X1, XT1
VDD – 0.1
VDD
V
Input voltage low
VIL1
Ports 2-5, 11
2.7
≤ VDD ≤ 5.5 V
0
0.3VDD
V
1.8
≤ VDD < 2.7 V
0
0.1VDD
V
VIL2
Ports 0, 1, 6, RESET
2.7
≤ VDD ≤ 5.5 V
0
0.2VDD
V
1.8
≤ VDD < 2.7 V
0
0.1VDD
V
VIL3
X1, XT1
0
0.1
V
Output voltage high
VOH
SCK, SO, Ports 2, 3, 6
IOH = –1.0 mA
VDD – 0.5
V
Output voltage low
VOL1
SCK, SO, Ports 2-6
IOL = 15 mA,
0.2
2.0
V
VDD = 4.5 to 5.5 V
IOL = 1.6 mA
0.4
V
VOL2
SB0, SB1
When N-ch open-drain
0.2VDD
V
pull-up resistor
≥ 1 kΩ
Input leakage
ILIH1
VIN = VDD
Pins other than X1, XT1
3
µA
current high
ILIH2
X1, XT1
20
µA
ILIH3
VIN = 13 V
Ports 4, 5 (N-ch open-drain)
20
µA
Input leakage
ILIL1
VIN = 0 V
Ports 4, 5, pins other than X1, XT1
–3
µA
current low
ILIL2
X1, XT1
–20
µA
Ports 4, 5 (N-ch open-drain)
–3
µA
When input instruction is not executed
ILIL3
Ports 4, 5 (N-ch open-
–30
µA
drain) When input
VDD = 5.0 V
–10
–27
µA
instruction is executed
VDD = 3.0 V
–3
–8
µA
Output leakage
ILOH1
VOUT = VDD
SCK, SO/SB0, SB1, Ports 2, 3, 6
3
µA
current high
ILOH2
VOUT = 13 V
Ports 4, 5 (N-ch open-drain)
20
µA
Output leakage
ILOL
VOUT = 0 V
–3
µA
current low
On-chip pull-up resistor
RL
VIN = 0 V
Ports 0-3, 6 (Excluding P00 pin)
50
100
200
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com