Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P3036 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD75P3036
Description  MOS INTEGRATED CIRCUIT
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3036 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD75P3036 Datasheet HTML 17Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 18Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 19Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 20Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 21Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 22Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 23Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 24Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
19
Data Sheet U11575EJ1V1DS
µPD75P3036
6.2 Program Memory (PROM) ... 16384 x 8 bits
The program memory consists of 16384 x 8-bit one-time PROM or EPROM.
• Addresses 0000H and 0001H
Vector table wherein the program start address and the values set for the RBE and MBE at the time a RESET signal is
generated are written. Reset start is possible from any address.
• Addresses 0002H to 000DH
Vector table wherein the program start address and the values set for the RBE and MBE by each vectored interrupt are
written. Interrupt processing can start from any address.
• Addresses 0020H to 007FH
Table area referenced by the GETI instructionNote.
Note
The GETI instruction realizes a 1-byte instruction on behalf of any 2-byte/3-byte instruction, or two 1-byte
instructions. It is used to decrease the number of program steps.
6. PROGRAM COUNTER (PC) AND MEMORY MAP
6.1 Program Counter (PC) ... 14 bits
This is a 14-bit binary counter that stores program memory address data.
Figure 6-1. Configuration of Program Counter
PC13
PC12
PC11
PC10
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com