Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ABE Datasheet(PDF) 21 Page - Intel Corporation

Part # LXT971ABE
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABE Datasheet(HTML) 21 Page - Intel Corporation

Back Button LXT971ABE Datasheet HTML 17Page - Intel Corporation LXT971ABE Datasheet HTML 18Page - Intel Corporation LXT971ABE Datasheet HTML 19Page - Intel Corporation LXT971ABE Datasheet HTML 20Page - Intel Corporation LXT971ABE Datasheet HTML 21Page - Intel Corporation LXT971ABE Datasheet HTML 22Page - Intel Corporation LXT971ABE Datasheet HTML 23Page - Intel Corporation LXT971ABE Datasheet HTML 24Page - Intel Corporation LXT971ABE Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
21
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.0
Functional Description
3.1
Introduction
The LXT971A is a single-port Fast Ethernet 10/100 transceiver that supports 10 Mbps and 100
Mbps networks and complies with all applicable requirements of IEEE 802.3. The LXT971A
directly drives either a 100BASE-TX line (up to 140 meters) or a 10BASE-T line (up to 185
meters). The device also supports 100BASE-FX operation via a Low Voltage PECL (LVPECL)
interface.
3.1.1
Comprehensive Functionality
The LXT971A provides a standard Media Independent Interface (MII) for 10/100 MACs. The
LXT971A performs all functions of the Physical Coding Sublayer (PCS) and Physical Media
Attachment (PMA) sublayer as defined in the IEEE 802.3 100BASE-X standard. This device also
performs all functions of the Physical Media Dependent (PMD) sublayer for 100BASE-TX
connections.
The LXT971A reads its configuration pins on power-up to check for forced operation settings. If
not configured for forced operation, the device uses auto-negotiation/parallel detection to
automatically determine line operating conditions. If the PHY device on the other side of the link
supports auto-negotiation, the LXT971A auto-negotiates with it using Fast Link Pulse (FLP)
Bursts. If the PHY partner does not support auto-negotiation, the LXT971A automatically detects
the presence of either link pulses (10 Mbps PHY) or Idle symbols (100 Mbps PHY) and sets its
operating conditions accordingly.
The LXT971A provides half-duplex and full-duplex operation at 100 Mbps and 10 Mbps.
3.1.2
OSP™ Architecture
The LXT971A incorporates high-efficiency Optimal Signal Processing™ design techniques,
combining the best properties of digital and analog signal processing to produce a truly optimal
device.
The receiver utilizes decision feedback equalization to increase noise and cross-talk immunity by
as much as 3 dB over an ideal all-analog equalizer. Using OSP mixed-signal processing techniques
in the receive equalizer avoids the quantization noise and calculation truncation errors found in
traditional DSP-based receivers (typically complex DSP engines with A/D converters). This results
in improved receiver noise and cross-talk performance.
The OSP signal processing scheme also requires substantially less computational logic than
traditional DSP-based designs. This lowers power consumption and also reduces the logic
switching noise generated by DSP engines. This logic switching noise can be a considerable source
of EMI generated on the device’s power supplies.
The OSP-based LXT971A provides improved data recovery, EMI performance and low power
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com