Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPG20C200PB Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # DPG20C200PB
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DPG20C200PB Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  DPG20C200PB Datasheet HTML 1Page - Inchange Semiconductor Company Limited DPG20C200PB Datasheet HTML 2Page - Inchange Semiconductor Company Limited DPG20C200PB Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Schottky Barrier Rectifier
DPG20C200PB
www.iscsemi.com
2023-8-18
2
ELECTRICAL CHARACTERISTICS(Pulse Test: Pulse Width≤300μs,Duty Cycle≤1%)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 10A ; TC= 25℃
1.27
V
VF
Maximum Instantaneous Forward Voltage
IF= 20A ; TC= 25℃
1.45
V
VF
Maximum Instantaneous Forward Voltage
IF= 10A ; TC=150℃
0.98
V
VF
Maximum Instantaneous Forward Voltage
IF= 20A ; TC= 150℃
1.17
V
IR
Maximum Instantaneous Reverse Current Rated DC Voltage, TC= 25℃
1
uA
IR
Maximum Instantaneous Reverse Current Rated DC Voltage, TC=1 25℃
0.06
mA
trr
Maximum Reverse Recovery Time
IF =10A;
36
ns
PACKAGE OUTLINE (Dimensions in mm )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com